データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -R120-R

  • AI
    The term **R120** or **R120-R** typically refers to a specific resistance value or a package marking for a Surface Mount Device (SMD) resistor. In electronic components, these codes are standardized to help engineers and hobbyists identify specifications quickly. ### 1. Decoding the "R120" Marking The "R" in an SMD resistor code acts both as a decimal point and an indicator that the value is in Ohms ($\Omega$). | Marking | Interpretation | Resistance Value | | :--- | :--- | :--- | | **R120** | $0.120 \Omega$ | 120 milliohms (m$\Omega$) | | **120R** | $120.0 \Omega$ | 120 Ohms | **Key Difference:** * **R120:** Low-resistance (Current sensing). * **120R:** Standard resistance (Current limiting). --- ### 2. Common Technical Specifications When purchasing or replacing an R120-R component, the following parameters are crucial: | Feature | Description | | :--- | :--- | | **Tolerance** | Usually $\pm 1\%$ (F) or $\pm 5\%$ (J). The "-R" suffix often denotes **RoHS compliance**. | | **Power Rating** | Varies by package size (e.g., 0805 is 0.125W, 1206 is 0.25W, 2512 is 1W+). | | **Temperature Coefficient** | Measured in ppm/°C; critical for low-ohm resistors used in sensing. | | **Material** | Usually Thick Film or Metal Foil for high-precision shunt applications. | --- ### 3. Typical Applications Resistors with very low values like **R120 (0.12 $\Omega$)** are rarely used for general voltage drops. Instead, they are found in: * **Current Sensing:** Placed in series with a load; the voltage drop across it is measured by an IC to determine current flow. * **Power Management:** Used in Battery Management Systems (BMS) and DC-DC converters. * **Overcurrent Protection:** Part of a circuit that triggers a shutdown if the current exceeds a specific threshold. --- ### 4. How to Read SMD Codes (Quick Guide) If the component uses a 3 or 4-digit numeric system: 1. **Three Digits (Standard):** `102` = $10 \times 10^2 = 1000 \Omega$ (1k). 2. **Four Digits (Precision):** `1200` = $120 \times 10^0 = 120 \Omega$. 3. **The "R" Position:** * `4R7` = $4.7 \Omega$ * `R010` = $0.01 \Omega$ ---
    ✨ Follow-up Questions
    • ⤷How do I calculate the power rating needed for an R120 resistor?
    • ⤷ What is the difference between thick film and metal foil in low-ohm resistors?
    • ⤷ How do I test an R120 resistor with a standard multimeter?