データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -TM3-R

  • AI
    The **TM3-R** series refers to a specific range of expansion modules used within the **Schneider Electric Modicon TM3** I/O system. These modules are designed to extend the capabilities of logic controllers (such as the M221, M241, or M251). The "-R" suffix specifically denotes **Relay Output** modules. --- ## 1. Core Electronic Components & Architecture The TM3-R modules are composed of several internal layers that ensure safe communication between the low-voltage PLC logic and the high-power field devices. | Component | Description | | :--- | :--- | | **Relay Switches** | Electromechanical components that physically open/close the circuit. | | **Optocouplers** | Provide galvanic isolation between the internal CPU and the output relays to prevent electrical noise. | | **Status LEDs** | Green indicators on the front panel showing the logical state of each relay. | | **Bus Connector** | Lateral connector used to link the module to the PLC backplane (TM3 Bus). | | **Voltage Snubbers** | Internal protection circuits to reduce arcing when switching inductive loads. | --- ## 2. Technical Specifications Depending on the specific model (e.g., TM3DQ8R, TM3DQ16R), the electronic ratings typically fall within these parameters: ### Electrical Characteristics * **Operating Voltage:** 24V DC (Internal bus) / Up to 240V AC or 30V DC (Output contacts). * **Maximum Current:** Typically 2A per channel (model dependent). * **Response Time:** * *Activation:* < 10 ms * *Deactivation:* < 5 ms * **Mechanical Life:** ~20,000,000 cycles. ### Terminal Configuration The TM3-R modules generally use either **Removable Screw Terminal Blocks** or **HE10 connectors**, allowing for easy replacement without rewiring the entire panel. --- ## 3. Comparison of Common TM3-R Models | Model Number | Output Type | Number of Channels | Connection Type | | :--- | :--- | :--- | :--- | | **TM3DQ8R** | Relay | 8 | Screw Terminals | | **TM3DQ16R** | Relay | 16 | Screw Terminals | | **TM3DQ16RC** | Relay | 16 | Spring Terminals | --- ## 4. Key Wiring Features When integrating TM3-R modules, electronics engineers must consider: 1. **Common Terminals:** Relay outputs are often grouped (e.g., 4 relays sharing one "COM" terminal). 2. **Protection:** Even though they are relays, adding an external fuse or a surge suppressor (varistor/RC circuit) is recommended for inductive loads (motors/solenoids). 3. **Isolation:** The modules offer high dielectric strength (typically 1500V AC between output and internal logic). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between TM3-R relay outputs and TM3-T transistor outputs?
    • ⤷ How do I calculate the power consumption of a TM3-R module on the PLC bus?
    • ⤷ Can TM3-R modules be used with distributed I/O systems like the TM3BC?