データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • .64-R

  • AI
    The term **64-R** in electronics typically refers to a specific resistance value or a specific package configuration for passive components. Depending on the context, it most commonly describes a **64-Ohm resistor** or a **network resistor package**. --- ### 1. Resistance Value: 64-R (64Ω) In electronic notation, the letter **"R"** is used as a decimal point or a multiplier for Ohms ($\Omega$). * **64-R** = 64 Ohms. * **Tolerance:** Usually found in precision circuits with tolerances of 1% or 0.5%. * **Applications:** Often used in impedance matching for signal lines or specific LED current limiting. ### 2. Common Component Types Below is a breakdown of how "64-R" components are categorized by their physical form: | Component Type | Description | Common Use Case | | :--- | :--- | :--- | | **SMD Resistor (0603/0805)** | Surface-mount chip resistor marked "64R" or "640". | Compact PCB designs. | | **Through-Hole Resistor** | Axial leaded resistor with color bands (Blue-Yellow-Black). | Prototyping and power supplies. | | **Resistor Network** | A single chip containing multiple 64-ohm resistors. | Bus termination in digital circuits. | --- ### 3. Technical Specifications When sourcing or replacing a 64-R part, these parameters are critical: 1. **Power Rating:** Measured in Watts (e.g., 1/8W, 1/4W). Using a part with a lower rating than required will cause it to burn out. 2. **Temperature Coefficient:** Expressed in $ppm/^\circ C$. This defines how much the resistance changes as the part heats up. 3. **Package Size:** * **Imperial:** 0402, 0603, 0805, 1206. * **Metric:** 1005, 1608, 2012, 3216. ### 4. Code Identification If you see "64R" printed on a small SMD component, the coding system is usually: * **Three-digit code:** `640` (64 + zero zeros = 64$\Omega$). * **Direct code:** `64R` (The R acts as the decimal = 64.0$\Omega$). --- ### 5. Troubleshooting Tips If you are testing a **64-R** part with a multimeter: * **Healthy:** The meter reads between 63.3$\Omega$ and 64.7$\Omega$ (for a 1% tolerance part). * **Faulty:** The meter reads "OL" (Open Loop) or a significantly higher value, indicating the resistor has failed due to overcurrent.
    ✨ Follow-up Questions
    • ⤷ How do I read the color bands for a 64-ohm through-hole resistor?
    • ⤷ What is the difference between a 64R and a 64K resistor?
    • ⤷ In what specific circuit applications is a 64-ohm resistor commonly used?