データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0-1-R

  • AI
    The designation **"0-1-R"** is most commonly associated with **chip resistors**, specifically referring to their resistance value or physical size and characteristics. In the electronics industry, this notation can be interpreted in two primary ways depending on the manufacturer’s datasheet: **Resistance Value** or **Size/Tolerance Coding**. --- ### 1. Resistance Value Interpretation (R-Notation) In electronics, the letter **"R"** is often used as a decimal point to represent Ohms ($\Omega$). | Notation | Meaning | Resistance Value | | :--- | :--- | :--- | | **0R1** | 0.1 $\Omega$ | Current sensing resistor (Shunt) | | **1R0** | 1.0 $\Omega$ | Low-value resistor | | **0-1-R** | 0.1 $\Omega$ | Common shorthand in parts lists for 0.1 Ohm | ### 2. Physical Characteristics of a 0.1 $\Omega$ Resistor These components are rarely used for limiting voltage; instead, they are used for **Current Sensing**. * **Tolerance:** Usually very tight (±1% or ±0.5%) because they are used for measurement. * **Power Rating:** Since they carry the full load of a circuit, they often have higher wattage ratings (e.g., 1/4W, 1/2W, or 1W). * **Temperature Coefficient:** They must remain stable as they heat up to ensure accurate readings. ### 3. SMD Package Sizes (Standard Codes) If "0-1" refers to the series and "R" refers to the reel/packaging, it often maps to standard Surface Mount Device (SMD) sizes: | Imperial Size | Metric Size | Dimensions (mm) | Common Usage | | :--- | :--- | :--- | :--- | | **01005** | 0402 | 0.4 x 0.2 | Micro-electronics (Smartphones) | | **0201** | 0603 | 0.6 x 0.3 | High-density PCB designs | | **0402** | 1005 | 1.0 x 0.5 | Standard consumer electronics | --- ### Comparison: Standard vs. Low Resistance (0.1R) | Feature | Standard Resistor (e.g., 10k) | Low Ohm Resistor (0.1R) | | :--- | :--- | :--- | | **Primary Goal** | Voltage division / Signal limiting | Current monitoring / Shunting | | **Voltage Drop** | Significant | Minimal | | **Heat Generation** | Low | Potentially High (Power = $I^2R$) | | **Circuit Position** | Parallel or Series | Always in Series with Load | ### Typical Application Circuit When using a **0.1R** resistor for current sensing, it is placed in series with the load. The voltage drop across it is measured by an ADC or an Op-Amp: ```text [Power Supply] ---+---> [Load] ---+---> [0.1R Resistor] ---+---> [GND] | | | +---------------|--[ Voltage Measurement ]--+ ``` *Equation: $V = I \times 0.1$ (Therefore, $I = V / 0.1$ or $I = V \times 10$)*
    ✨ Follow-up Questions
    • ⤷ How do I calculate the wattage needed for a 0.1 ohm resistor?
    • ⤷ What is the difference between a thick film and thin film 0.1R resistor?
    • ⤷ In what scenarios would a 0-ohm resistor (jumper) be used instead?