データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0-2000-R

  • AI
    The **0-2000-R** is a high-performance **Pressure Transmitter** (frequently manufactured by brands like *Dwyer* or *Gems Sensors*). It is designed to convert physical pressure into a standardized electrical signal, typically used in industrial automation and HVAC systems. --- ### 1. Key Electronic Specifications The "R" suffix often denotes a specific configuration, such as a ratiometric output or a specific pressure range. Below are the typical electronic characteristics: | Component/Feature | Specification | Details | | :--- | :--- | :--- | | **Input Voltage** | 9-30 VDC | Standard industrial DC power supply | | **Output Signal** | 4-20 mA or 0-5V | 4-20 mA is most common for long-distance wiring | | **Accuracy** | ±0.25% to ±1% FS | High precision for industrial monitoring | | **Enclosure Rating** | IP65 / NEMA 4X | Protected against dust and water jets | | **Connection** | M12 or DIN 43650 | standard industrial electrical connectors | --- ### 2. Core Electronic Components Inside the 0-2000-R, several critical electronic subsystems work together to process the pressure data: #### A. The Piezoresistive Sensor Element The heart of the device. It consists of a silicon diaphragm with integrated resistors. When pressure is applied, the diaphragm deforms, changing the resistance (the **Piezoelectric effect**). #### B. Signal Conditioning Circuit (ASIC) The raw millivolt signal from the sensor is too weak and noisy for direct use. The internal **Application-Specific Integrated Circuit (ASIC)** performs: * **Amplification:** Boosting the signal. * **Temperature Compensation:** Correcting for errors caused by heat/cold. * **Linearization:** Ensuring the electrical output is perfectly proportional to the pressure. #### C. Reverse Polarity Protection A safety diode circuit that prevents the device from burning out if the positive and negative wires are accidentally swapped during installation. --- ### 3. Wiring Diagram (Typical 4-20mA) Most 0-2000-R units use a 2-wire "current loop" configuration: ```text [ Power Supply + ] ------> [ Terminal 1: + Loop ] [ Power Supply - ] <------ [ Controller Input (PLC) ] [ Terminal 2: - Loop ] ``` --- ### 4. Common Applications * **HVAC Systems:** Monitoring static pressure in air ducts. * **Pump Control:** Managing water pressure in commercial plumbing. * **Process Automation:** Providing feedback loops for pneumatic or hydraulic machinery.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the 4-20mA and 0-10V output versions of this sensor?
    • ⤷ How do I calibrate the zero-point on a 0-2000-R transmitter?
    • ⤷ What is the maximum pressure 'burst' rating for this specific model series?