データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0-243-R

  • AI
    The part number **0-243-R** typically refers to a specific electronic component, most commonly identified as a **high-frequency transformer** or **inductor** used in power supply circuits (often associated with brands like Power Integrations or specialized magnetic manufacturers). Below is a breakdown of its technical profile and application. ### 1. Component Overview The "R" suffix usually denotes **RoHS Compliance** (Restriction of Hazardous Substances), indicating the part is lead-free. | Attribute | Typical Specification | | :--- | :--- | | **Component Type** | Transformer / Power Inductor | | **Common Application** | AC/DC Converters, Flyback Topologies | | **Mounting Type** | Through-Hole (THT) or Surface Mount (SMD) | | **Compliance** | RoHS Compliant | --- ### 2. Key Technical Functions In an electronic circuit, the 0-243-R serves several critical roles: * **Energy Storage:** In flyback power supplies, it stores energy in its magnetic field during the "on" cycle and releases it to the output during the "off" cycle. * **Galvanic Isolation:** It provides a physical safety barrier between the high-voltage AC input and the low-voltage DC output. * **Voltage Transformation:** It steps down the rectified high-voltage mains to a usable level (e.g., 5V, 12V, or 24V). --- ### 3. Circuit Integration This part is frequently paired with **Offline Switcher ICs** (like the TinySwitch or LinkSwitch series). #### Typical Pin Configuration Transformers like the 0-243-R generally feature: 1. **Primary Winding:** Connects to the high-voltage DC bus and the switching MOSFET. 2. **Secondary Winding:** Connects to the output diode and filter capacitors. 3. **Bias Winding (Optional):** Provides auxiliary power to the controller IC to improve efficiency. --- ### 4. Common Troubleshooting If you are repairing a board containing a 0-243-R, check for the following: * **Continuity:** Use a multimeter to ensure the windings are not "open." Each winding should show very low resistance. * **Inductance Value:** Using an LCR meter, verify the primary inductance matches the datasheet (often measured in $\mu H$ or $mH$). * **Physical Damage:** Look for cracked ferrite cores or singed copper wire, which indicate a surge or thermal failure. ---
    ✨ Follow-up Questions
    • What is the specific primary inductance value for the 0-243-R?
    • Which power controller ICs are most compatible with this transformer?
    • Are there equivalent drop-in replacements for the 0-243-R from other manufacturers?