データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0-R2

  • AI
    The term **0-R2** usually refers to a specific configuration or a component series in electronic design, most commonly associated with **0-Ohm Resistors** or specific **SMD (Surface Mount Device) packages**. Below is a detailed breakdown of what this signifies in electronic engineering. --- ## 1. The 0-Ohm Resistor (Zero-Ohm Link) In many schematics, a part labeled with `0` or `0R` is a **zero-ohm resistor**. These look like standard resistors but have a resistance of nearly zero ohms. They act as "jumpers" or bridges on a Printed Circuit Board (PCB). ### Key Functions | Function | Description | | :--- | :--- | | **PCB Configuration** | Allows a single PCB design to be used for multiple versions of a product by opening or closing circuits. | | **Automated Assembly** | Unlike copper wire jumpers, these can be placed using standard SMT (Surface Mount Technology) pick-and-place machines. | | **Circuit Protection** | Can act as a weak link (fuse) that blows if current spikes excessively, protecting expensive ICs. | | **Noise Isolation** | Used to connect digital and analog grounds at a single point to prevent ground loops. | --- ## 2. Package Sizes and "R2" The "R2" suffix often refers to the physical dimensions or the reel specifications in manufacturing. In electronics, parts are categorized by their "Footprint." ### Common SMD Sizes If "0-R2" refers to a size category or a revision, it typically falls under these standard metric/imperial codes: | Imperial Code | Metric Code | Typical Use Case | | :--- | :--- | :--- | | **0201** | 0603 | Ultra-small, used in smartphones. | | **0402** | 1005 | Standard for consumer electronics. | | **0603** | 1608 | Easy for manual prototyping/soldering. | | **0805** | 2012 | High power dissipation/robust designs. | --- ## 3. Technical Specifications Even though it is "Zero Ohms," a 0-R component has physical limits defined by the manufacturer: * **Maximum Resistance:** Usually less than $50m\Omega$. * **Current Rating:** Typically ranges from $0.5A$ to $2A$ depending on the package size. * **Tolerance:** Often marked as $5\%$ or $1\%$, though this is nominal since the base value is zero. --- ### Summary Identification If you are looking at a component and see **0-R2**, it likely means: 1. **Component Type:** Resistor (R). 2. **Value:** 0 Ohms. 3. **Revision/Rating:** "2" might indicate a 1/2 Watt power rating or a specific design revision on the schematic.
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific resistor package size like 0603 or 0805?
    • ⤷ Do you need the current carrying capacity for a 0-ohm link?
    • ⤷ Is '0-R2' a specific part number from a manufacturer like Yageo or Vishay?