データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 00-6000-R

  • AI
    The part number **00-6000-R** generally refers to a specific series of high-precision electronic components, most commonly associated with **SMD (Surface Mount Device) Resistors** or specific **Inductor/Transformer** series from manufacturers like *Pulse Electronics* or *TE Connectivity*. Below is a breakdown of the technical specifications and characteristics typically associated with this part series. --- ## 1. Component Overview The "00-6000-R" designation is often a base part number for power components or signal transformers. The "-R" suffix almost always indicates **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free. ### Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Passive (Resistor/Inductor/Transformer) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Compliant (Lead-Free) | | **Common Application** | Power management, signal filtering, or telecommunications | | **Operating Temp** | Typically -40°C to +125°C | --- ## 2. Key Electronic Characteristics Depending on the specific manufacturer (e.g., if it is a pulse transformer), the electronic behavior focuses on: * **Impedance Matching:** Designed to maintain signal integrity in high-speed data lines. * **Isolation:** High dielectric strength to protect sensitive integrated circuits (ICs) from voltage spikes. * **Compact Footprint:** Engineered for high-density PCB (Printed Circuit Board) layouts. --- ## 3. Usage and Applications These parts are integrated into various industrial and consumer electronics: ### Common Use Cases: 1. **Networking Hardware:** Routers, switches, and network interface cards (NICs). 2. **Power Supplies:** DC-DC converters where high-frequency switching occurs. 3. **Automotive Electronics:** Control modules that require AEC-Q200 (stress resistance) standards. 4. **Consumer Gadgets:** Charging circuits and motherboard power rails. --- ## 4. Identification and Sourcing When ordering or replacing this part, verify the following: * **Manufacturer Prefix:** Check if it is *Pulse*, *Bourns*, or *TE* as the internal specs might vary slightly despite the similar root number. * **Tolerance:** Ensure the resistance or inductance value (often coded in the middle digits) matches your circuit requirements.
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer of the 00-6000-R component?
    • ⤷ What are the specific electrical ratings for the 00-6000-R inductor?
    • ⤷ Is there a direct equivalent or substitute for the 00-6000-R?