データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 000-R3

  • AI
    The **Arduino Uno R3** (Revision 3) is the most popular microcontroller board for hobbyists and engineers. It is based on the **ATmega328P** microcontroller and serves as the brain for various electronics projects. Below is a breakdown of the key electronic components that make up the board. --- ### 1. Primary Component Specifications | Component | Specification | Function | | :--- | :--- | :--- | | **Microcontroller** | ATmega328P | The "brain" that executes your code. | | **Operating Voltage** | 5V | The internal voltage at which the board runs. | | **Input Voltage** | 7V - 12V | The recommended range for the DC power jack. | | **Digital I/O Pins** | 14 | Pins for digital input/output (6 provide PWM). | | **Analog Input Pins** | 6 | Pins to read variable voltages (0V to 5V). | | **Flash Memory** | 32 KB | Storage space for your uploaded programs. | | **SRAM** | 2 KB | Volatile memory used for variables during runtime. | | **Clock Speed** | 16 MHz | Determines how many instructions are processed per second. | --- ### 2. Key Hardware Sections #### A. Power Management * **Barrel Jack:** Allows you to power the board using an external wall adapter or battery (7-12V). * **Voltage Regulator:** Converts the incoming 7-12V down to a stable 5V for the components. * **USB Port:** Type-B connector used for both programming the board and providing 5V power from a computer. #### B. The Microcontrollers * **ATmega328P (Main):** A 28-pin DIP (Dual In-line Package) chip that handles all logic. It is removable on official R3 boards. * **ATmega16U2 (USB Controller):** A smaller surface-mount chip that acts as a bridge, converting USB signals into Serial data that the main chip can understand. #### C. Input/Output (I/O) * **Digital Pins (0-13):** Used for buttons, LEDs, and sensors. Pins marked with a tilde (`~`) support **PWM** (Pulse Width Modulation) to simulate analog output (like dimming an LED). * **Analog Pins (A0-A5):** Used to read sensors like potentiometers or light-dependent resistors. * **ICSP Header:** "In-Circuit Serial Programming" used for advanced programming or burning bootloaders. #### D. Indicators & Timing * **16 MHz Crystal Oscillator:** A metallic component that acts as a heartbeat, keeping the timing of the board precise. * **Reset Button:** Restarts the uploaded code from the beginning. * **LEDs:** * **ON:** Power indicator. * **TX/RX:** Flashes when data is being transmitted or received. * **L:** A built-in LED connected to Digital Pin 13 for testing. --- ### 3. Connection Pinout Summary ```markdown Power Pins: - Vin: Use this to supply power if not using the Barrel Jack. - GND: Ground pins (0V reference). - 5V: Regulated power output for sensors. - 3.3V: Lower voltage output for specific components. - IOREF: Provides the voltage reference for shields to adapt to the board. ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between PWM pins and standard digital pins?
    • ⤷ Can I use a 9V battery to power the Arduino Uno R3?
    • ⤷ How does the ATmega328P differ from the chips used in the Arduino Nano?