データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0010-R

  • AI
    The term **0010-R** typically refers to a specific part number or suffix used by electronic component manufacturers. In most contexts, this part number refers to a **Thru-Hole Resistor** (specifically from brands like Ohmite or similar) or a specific **TE Connectivity / Molex** connector series component. Below is an overview of the most common electronic components associated with this identifier. --- ### 1. Resistor Components (Standard Format) In the world of resistors, "0010" usually indicates the resistance value, and "R" indicates the unit (Ohms) or a tolerance/packaging code. | Feature | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 10 $\Omega$ | "0010" translates to 10 units. | | **Unit Identifier** | R | Represents Ohms ($\Omega$). | | **Tolerance** | $\pm$1% to $\pm$5% | Depends on the series (e.g., J or F suffix). | | **Power Rating** | 1/4W to 5W | Varies by physical package size. | ### 2. Connector Systems (e.g., Molex/TE) If "0010-R" appears in a connector datasheet, it often refers to a specific **header** or **housing** configuration. * **Pitch:** Usually refers to standard spacing (e.g., 2.54mm or 3.96mm). * **Mounting Type:** Right-Angle (R often stands for "Right-Angle" in connector nomenclature). * **Pins:** The "10" may signify a 10-pin configuration. ### 3. Component Breakdown (Naming Convention) If you are looking at a specific manufacturer code like **WHC0010-R**, here is how the electronics industry typically decodes it: 1. **Prefix (e.g., WHC):** The series or material (e.g., Wirewound, High Current). 2. **Core (0010):** The base value (10). 3. **Suffix (R):** * **RoHS Compliant:** Most modern parts use "R" to indicate they meet environmental standards (Lead-Free). * **Packaging:** Can stand for "Reel" (Tape and Reel). * **Orientation:** "Right-Angle" for mechanical parts. --- ### How to Verify Your Part To ensure you have the correct data, check the following on the component body: * **Manufacturer Logo:** Look for a stylized 'M' (Molex), 'O' (Ohmite), or 'TE'. * **Package Type:** Is it a cylinder with wires (Resistor) or a plastic block with pins (Connector)? * **Color Code:** If it is a resistor, the bands will provide the definitive value regardless of the printed part number.
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific manufacturer like Molex or Ohmite?
    • ⤷ Is this part a surface-mount (SMD) or through-hole component?
    • ⤷ Can you provide the full prefix of the part number?