データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 008-R

  • AI
    The **008-R** usually refers to a specific series of miniature high-voltage power supply modules or DC-DC converters, most notably produced by companies like **Pico Electronics** or used as a naming convention for specific rotary switches/potentiometers in industrial electronics. However, in the context of high-reliability power components, the **008-R** series is famous for converting low voltage DC into regulated high voltage. --- ### 1. Technical Specifications (Typical for 008-R Modules) These components are designed for PCB mounting and are often encapsulated to handle high-voltage stress. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | Typically 5V, 12V, or 24V DC | | **Output Voltage** | Up to 800V DC (depending on specific sub-model) | | **Power Output** | Usually 0.5W to 2W | | **Isolation** | Input to Output isolation (up to 1000V+) | | **Operating Temp** | -25°C to +70°C | | **Form Factor** | Encapsulated, through-hole pins | --- ### 2. Internal Electronic Architecture The 008-R series functions as a **Switch-Mode Power Supply (SMPS)**. The internal circuitry consists of the following stages: 1. **Oscillator Stage:** Converts the DC input into a high-frequency AC signal. 2. **Transformer/Multiplier:** A miniature step-up transformer increases the voltage. In many 008-R units, a **Cockcroft-Walton voltage multiplier** is used to reach the final output level. 3. **Rectification & Filtering:** High-speed diodes and high-voltage capacitors smooth the AC back into a stable DC output. 4. **Regulation Loop:** Feedback resistors monitor the output to ensure stability despite input fluctuations. --- ### 3. Common Applications Due to their compact size and reliability, these parts are used in specialized electronic fields: * **Photomultiplier Tubes (PMT):** Providing the high bias voltage required for light detection. * **Geiger Counters:** Powering the tube used for radiation sensing. * **Piezoelectric Drivers:** Providing the voltage needed to deform piezo crystals for precision movement. * **CRT/Displays:** Small-scale vacuum fluorescent displays or specialized imaging tubes. --- ### 4. Safety and Handling When working with 008-R components, keep the following in mind: * **Creepage and Clearance:** Ensure the PCB traces for the output are spaced far enough apart to prevent "arcing" (electrical jumping). * **Discharge:** Even after power is removed, internal capacitors may hold a lethal or painful charge. * **Shielding:** High-frequency switching can cause Electromagnetic Interference (EMI); metal shielding is often recommended. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 008-R power module?
    • ⤷ How does the ripple voltage of the 008-R affect sensitive sensor measurements?
    • ⤷ Are there modern SMD alternatives to the through-hole 008-R series?