008MO-R
AI

The part number **008MO-R** (often stylized as **008M0-R**) refers to a specific series of **Metal Oxide Varistors (MOV)** produced by manufacturers like **Joyin** or **Centra Science**. These are passive electronic components used for over-voltage protection.
---
### 1. Component Overview
A Metal Oxide Varistor is a voltage-dependent resistor. It acts as an open circuit (high resistance) during normal operation but becomes a conductor (low resistance) when a high-voltage spike (like lightning or a power surge) occurs, shunting the excess energy away from sensitive components.
### 2. Technical Specifications
The code **008MO-R** typically breaks down into specific technical parameters. Below is a general table of characteristics for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Metal Oxide Varistor (MOV) |
| **Varistor Voltage** | ~8V to 12V (depending on suffix) |
| **Diameter** | 7mm or 10mm (Size code '008' often relates to lead spacing or disc size) |
| **Clamping Voltage** | The voltage at which the device fully conducts |
| **Energy Rating (Joules)** | 0.5J - 2.0J |
| **Peak Current (8/20µs)** | 100A - 250A |
| **RoHS Status** | The **-R** suffix usually denotes **RoHS Compliant** |
---
### 3. Functional Mechanism
The device operates based on the non-linear characteristic of Zinc Oxide (ZnO) grains:
1. **Normal State:** Under the rated voltage, the device has high impedance (Mega-ohms).
2. **Surge State:** When a surge exceeds the "Varistor Voltage," the internal resistance drops to nearly zero.
3. **Reset State:** Once the surge passes, the MOV returns to its high-impedance state.
---
### 4. Common Applications
Due to their compact size and low voltage rating, these parts are frequently found in:
* **Low-voltage DC circuits:** Protecting sensors or IC inputs.
* **Telecommunications:** Protection for signal lines.
* **Automotive Electronics:** Safeguarding 12V bus lines from transients.
* **Consumer Electronics:** Power supply input protection for chargers.
---
### 5. Schematic Representation
In a circuit diagram, the MOV is represented by a symbol similar to a resistor with a diagonal line and two bent ends:
```text
(Line)
|
+---+---+
| / \ | <-- Varistor Symbol
+---+---+
|
(Ground)
```
- ⤷
What is the exact Varistor Voltage (Vn) for the '008' series?
- ⤷ How does this component differ from a TVS diode?
- ⤷ What happens if a MOV like the 008MO-R exceeds its maximum energy rating?