データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 010-R

  • AI
    The term **010-R** typically refers to a specific naming convention used for surface-mount technology (SMT) components, most commonly **thick film chip resistors** or **potentiometers**. In the world of electronics, "010" usually identifies the series or physical dimensions, and the suffix "R" denotes "Resistor" or specifies a resistance value/tolerance. --- ### 1. Common Identification: The 010-R Resistor In most industrial contexts (such as those produced by manufacturers like *Bourns* or *Viking*), the "010" often aligns with a specific metric or imperial case size, or a specific power rating series. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Chip Resistor | | **Material** | Thick Film on Ceramic Substrate | | **Termination** | Sn (Tin) over Ni (Nickel) barrier | | **Common Resistance Range** | 1 $\Omega$ to 10 M$\Omega$ | | **Standard Tolerances** | ±1%, ±5% | ### 2. Technical Characteristics Modern 010-R series components are designed for high-density circuit boards (smartphones, tablets, and wearables). * **Miniaturization:** These parts are designed to save "real estate" on the PCB. * **Stability:** High reliability against humidity and thermal shock. * **Assembly:** Compatible with automated "Pick and Place" machinery and reflow soldering. ### 3. Decoding Part Numbers (Example) While part numbering varies by brand, a standard 010-R code usually breaks down as follows: 1. **Prefix (010):** Often represents the series (e.g., a specific power rating or the 01005 / 0201 ultra-small form factor). 2. **R-Value:** * If used as a decimal: `2R2` = 2.2 Ohms. * If used as a suffix: `R` = Resistance / Resistor. 3. **Tolerance Code:** Often followed by a letter (e.g., `F` = 1%, `J` = 5%). --- ### 4. Alternative Meaning: Trimmer Potentiometers In some catalogs, **010-R** refers to the orientation of a **Trimmer Potentiometer** (a variable resistor). * **R** may indicate a **Right-angle** mounting style. * This allows the adjustment screw to be accessed from the side of the device rather than the top. --- ### Comparison of SMD Resistor Sizes If 010 refers to the size (Metric 01005), here is how it compares to others: | Imperial Code | Metric Code | Dimensions (mm) | | :--- | :--- | :--- | | **01005** | **0402** | 0.4 x 0.2 | | **0201** | **0603** | 0.6 x 0.3 | | **0402** | **1005** | 1.0 x 0.5 |
    ✨ Follow-up Questions
    • ⤷ Which specific manufacturer is listed on your 010-R component?
    • ⤷ Are you looking for the power rating (wattage) of this specific part?
    • ⤷ Is this part for a high-frequency application or a general power circuit?