データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0100-RZ

  • AI
    The term **0100-RZ** typically refers to a specific series of high-precision electronic components, most commonly associated with **Surface Mount Device (SMD) resistors or capacitors** produced by manufacturers like *Susumu* or *Vishay*. Below is a breakdown of the technical specifications, characteristics, and applications for parts within the 0100-RZ series. --- ## 1. Technical Specifications Table | Feature | Details | | :--- | :--- | | **Component Type** | Thin Film Precision Chip Resistor / Capacitor | | **Package Size** | 0402 (Metric) / 01005 (Imperial) | | **Resistance Range** | Typically 10Ω to 100kΩ (model dependent) | | **Tolerance** | ±0.1% (B), ±0.5% (D) | | **TCR (Temperature Coefficient)** | ±25ppm/°C to ±100ppm/°C | | **Operating Temperature** | -55°C to +155°C | --- ## 2. Key Characteristics The "RZ" designation often implies specific performance tiers, typically focusing on **Thin Film** technology. ### A. High Precision These parts are designed for circuits where accuracy is critical. Unlike standard thick film resistors, thin film "RZ" parts offer lower noise and higher stability over time. ### B. Miniaturization The 0100 designation (often referring to the 01005 inch code) represents one of the smallest footprints in electronics, measuring approximately **0.4mm x 0.2mm**. This is essential for high-density hardware like smartphones and wearables. ### C. Sulfur Resistance Many "RZ" series components are built with a special construction to resist sulfurization, making them suitable for harsh industrial environments or automotive applications. --- ## 3. Typical Applications Due to their small size and high reliability, these parts are found in: 1. **Mobile Devices:** Smartphones, tablets, and smartwatches. 2. **Medical Electronics:** Hearing aids and implantable sensors. 3. **Telecommunications:** Base station modules and high-frequency RF circuits. 4. **Test Equipment:** High-precision measuring instruments. --- ## 4. Part Numbering Example A typical part number in this family follows this logic: `RR 0100 P 103 B RZ` * **RR:** Product Series (Thin Film). * **0100:** Case Size (0.4 x 0.2mm). * **P:** TCR (Temperature Coefficient). * **103:** Resistance Value (10k Ohms). * **B:** Tolerance (±0.1%). * **RZ:** Packaging/Series code.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer specifically produces the 0100-RZ part you are looking for?
    • ⤷ How does the 'RZ' suffix impact the environmental rating of the component?
    • ⤷ What are the soldering requirements for a package as small as 01005?