データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 01GENG3EW3E-R

  • AI
    The part number **01GENG3EW3E-R** is a specific engineering assembly or sub-component code typically associated with **NCR (National Cash Register)** hardware, specifically used in their point-of-sale (POS) systems and ATMs. Based on technical specifications for this series, here is the breakdown of the electronic parts and characteristics. --- ## 1. Component Overview This part is generally identified as a **Motherboard / System Controller Assembly**. It serves as the primary processing unit for industrial-grade kiosks or retail terminals. ### Core Specifications | Feature | Specification Details | | :--- | :--- | | **Manufacturer** | NCR Corporation (or OEM partner) | | **Form Factor** | Custom Industrial / Small Form Factor (SFF) | | **Chipset** | Typically Intel-based (varies by generation) | | **Connectivity** | Proprietary NCR Power-USB, RS-232, VGA/DP | | **Operating Voltage** | 12V / 24V DC Input (Standard for Retail) | --- ## 2. Key Electronic Sections The assembly consists of several critical subsystems: ### A. Power Management Layer * **Voltage Regulators:** Converts bulk input (often 24V from the terminal power supply) into 5V, 3.3V, and 1.2V for the CPU and logic gates. * **Protection Circuits:** Includes Transient Voltage Suppressors (TVS) to prevent damage from power surges common in retail environments. ### B. Input/Output (I/O) Controllers * **Powered USB Ports:** Unlike standard PC ports, these provide 12V or 24V directly to peripherals like receipt printers and barcode scanners. * **Cash Drawer Interface:** A dedicated circuit (often using an RJ-11/12 style port) designed to send a high-current pulse to trigger a solenoid. ### C. Processing & Memory * **CPU Socket:** Usually supports low-power mobile or embedded Intel processors (Celeron/Core i3/i5 series). * **DIMM Slots:** Supports DDR3 or DDR4 SODIMM modules depending on the revision suffix (E-R). --- ## 3. Maintenance and Identification The "-R" suffix in the part number often indicates a **RoHS-compliant** (Restriction of Hazardous Substances) revision or a **Refurbished/Replacement** designation within the NCR service catalog. ### Visual Identification Table | Indicator | Location | Function | | :--- | :--- | :--- | | **Green LED** | Near Power Input | Indicates standby power is present. | | **CMOS Battery** | CR2032 Socket | Maintains BIOS settings and RTC (Real Time Clock). | | **Jumper Pins** | Near Edge | Used for BIOS recovery or clearing passwords. | --- ### Potential Applications * Self-Checkout Units (NCR FastLane) * POS Terminals (NCR RealPOS Series) * Interactive Digital Kiosks
    ✨ Follow-up Questions
    • ⤷ What are the specific CPU socket types supported by this motherboard revision?
    • ⤷ How do I troubleshoot a 'No Power' state on the 01GENG3EW3E-R assembly?
    • ⤷ Is this part compatible with non-NCR industrial enclosures?