データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 025-R

  • AI
    The term **025-R** typically refers to a specific component designation in power electronics, most commonly associated with **NTC (Negative Temperature Coefficient) Thermistors** or specialized **Power Resistors**. --- ### 1. Primary Identification: NTC Thermistors In most electronic contexts, `025-R` is part of a part number for an Inrush Current Limiter. These are used to protect circuits from high surges of current when power is first applied. | Property | Description | | :--- | :--- | | **Component Type** | NTC Thermistor (Negative Temperature Coefficient) | | **Resistance at 25°C** | Usually represented by the "025" or the "R" suffix (e.g., 2.5Ω or 25Ω depending on the brand). | | **Function** | Limits inrush current; resistance drops as the component heats up. | | **Common Application** | Switch-mode power supplies (SMPS), motor starters, and transformers. | ### 2. Technical Specifications (General) If the part is an NTC Thermistor (like those manufactured by companies like *Ametherm* or *TDK/EPCOS*), the specifications usually follow this logic: * **Cold Resistance ($R_{25}$):** The resistance of the part at room temperature (25°C). * **Max Steady State Current:** The maximum continuous current the part can handle after it has heated up and its resistance has dropped. * **Thermal Time Constant:** How long it takes for the device to change its temperature/resistance. ### 3. Usage in Circuitry The "R" suffix often denotes a specific lead configuration or a tolerance rating. Below is how these parts are typically integrated: ```cpp // Logic for Inrush Protection with NTC 025-R Power_On() { Current = Voltage / R_initial; // R_initial is high (e.g., 25 Ohms) Component_Heats_Up(); Resistance_Drops(); // R drops to < 1 Ohm for efficiency Steady_State_Reached(); } ``` ### 4. Alternative Identifications If "025-R" is found on a small surface-mount component (SMD), it may refer to: 1. **A 0.025Ω Resistor:** A current-sense resistor used to measure voltage drops across a circuit to determine current flow. 2. **A 250mA Fuse:** In some marking codes, '025' refers to a 0.25 Ampere rating. --- **Summary Recommendation:** To identify the part with 100% certainty, check the **manufacturer logo** (e.g., a stylized 'A' for Ametherm) and the **physical size** (diameter in mm). Most "025-R" parts are disk-shaped, black or green, and roughly 5mm to 15mm in diameter.
    ✨ Follow-up Questions
    • ⤷What is the difference between an NTC and a PTC thermistor?
    • ⤷ How do I calculate the correct inrush current limiter for my power supply?
    • ⤷ What are the common failure modes of NTC 025-R components?