データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 02G-R1

  • AI
    The code **02G-R1** is a specific technical identifier typically associated with **Power Supply Units (PSUs)** and **Circuit Board Assemblies (PCBs)**, most notably those manufactured by companies like **Lite-On** or used in **Dell/HP** server hardware. --- ## 1. Component Identification In the context of power electronics, "02G-R1" usually identifies a specific revision of a high-efficiency switching power supply board. ### Key Specifications (General Context) | Feature | Description | | :--- | :--- | | **Component Type** | Switching Power Supply (SMU/PSU) Board | | **Revision** | R1 (Revision 1) | | **Common Application** | Server PSUs, Industrial Chargers, LED Drivers | | **Input Voltage** | Typically 100V - 240V AC | | **Output Type** | Multi-rail DC (e.g., +12V, +5V, +3.3V) | --- ## 2. Core Electronic Sub-Systems The 02G-R1 assembly consists of several critical electronic sections designed for high-density power conversion: ### A. EMI Filtering & Input Stage * **X/Y Capacitors:** Used for noise suppression. * **Bridge Rectifier:** Converts AC input to pulsating DC. * **Thermistor:** Limits inrush current to protect the circuit during startup. ### B. Power Factor Correction (PFC) Most 02G-R1 boards include an Active PFC stage. * **Inductor/Choke:** Stores energy to align current and voltage phases. * **MOSFETs:** High-speed switches used to boost voltage to roughly 380V-400V DC. ### C. Main Switching (PWM) * **Controller IC:** Usually a dedicated PWM (Pulse Width Modulation) chip that regulates the output. * **Transformer:** Provides galvanic isolation and steps down the high voltage to the required output levels. ### D. Secondary Rectification & Filtering * **Schottky Diodes or Synchronous Rectifiers:** Converts the high-frequency AC from the transformer back to stable DC. * **Electrolytic & Polymer Capacitors:** Smooths out ripples to ensure clean power delivery. --- ## 3. Common Failure Points Technicians working on 02G-R1 boards often look for these specific issues: 1. **Capacitor Aging:** Look for "bulging" tops on large filter capacitors. 2. **MOSFET Shorting:** The switching transistors are under high thermal stress and are prone to short-circuits. 3. **Optoisolator Failure:** If the feedback loop fails, the PSU may click or fail to start. --- ## 4. Part Number Structure Example While "02G-R1" is the board revision, it is often part of a larger part number: ```text Model: PS-xxxx-xx Board ID: 02G-R1 (Revision Number) Serial: CN-0XXXXX-XXXXX-XXX-XXXX ```
    ✨ Follow-up Questions
    • ⤷ Are you looking for a replacement for a specific brand like Dell or Lite-On?
    • ⤷ Do you need the pinout diagram for this specific board revision?
    • ⤷ Are you troubleshooting a specific failure like 'no power' or 'overvoltage'?