データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 03-R68-R

  • AI
    Based on the nomenclature provided, **03-R68-R** typically refers to a **Power Inductor**, specifically a surface-mount device (SMD) often used in automotive or high-current power management circuits. Below is a detailed breakdown of the technical specifications and characteristics of this component. --- ### 1. Component Breakdown The alphanumeric code provides specific information about the physical and electrical properties of the part: | Segment | Meaning | Description | | :--- | :--- | :--- | | **03** | **Series/Size** | Often refers to the physical dimensions (e.g., 3mm height or a specific frame size). | | **R68** | **Inductance Value** | The "R" acts as a decimal point. **0.68 Microhenries (µH)**. | | **-R** | **Suffix** | Usually indicates **RoHS Compliance** (Lead-free) or Taping/Reel packaging. | --- ### 2. Technical Specifications While exact specs can vary by manufacturer (such as Eaton, Coiltronics, or Vishay), components with this part number generally fall into these ranges: * **Inductance:** 0.68 µH. * **Tolerance:** Typically ±20%. * **DC Resistance (DCR):** Very low (usually in the range of 3mΩ to 15mΩ) to minimize power loss. * **Current Rating:** High saturation current (Isat), often ranging from 5A to 15A depending on the body size. * **Operating Temperature:** Generally rated for -40°C to +125°C or higher. --- ### 3. Key Applications Because of its low inductance and high current capability, the 03-R68-R is primarily used in: 1. **DC-DC Converters:** Used as a storage element in buck or boost regulators. 2. **Voltage Regulator Modules (VRM):** Found on motherboards and server cards to provide stable power to CPUs/GPUs. 3. **Automotive Electronics:** Used in infotainment systems or ECU power filtering due to its robust design. 4. **LED Drivers:** Provides constant current smoothing. --- ### 4. Visual/Physical Characteristics * **Material:** Usually a molded iron powder or ferrite core. * **Shielding:** Most "R68" power inductors are **shielded** to prevent Electromagnetic Interference (EMI) from affecting nearby components. * **Mounting:** SMD (Surface Mount Device) pads on the bottom for automated pick-and-place assembly. ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer datasheet are you looking for specifically (e.g.
    • ⤷ Eaton
    • ⤷ Vishay)?
    • ⤷ Do you need help calculating the saturation current for this inductor in a circuit?
    • ⤷ Are you looking for an equivalent replacement part for 03-R68-R?