データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 03CC0

  • AI
    The part number **03CC0** (often stylized as **03CC0W**) typically refers to a high-precision, low-dropout (LDO) linear voltage regulator, most commonly manufactured by companies like **STMicroelectronics** or associated with specific industrial power management modules. --- ## 1. Component Overview An LDO regulator like the 03CC0 is used to maintain a steady output voltage even when the input voltage is very close to the desired output. It is characterized by its efficiency in battery-powered devices and its ability to reduce noise in sensitive circuits. ### Key Specifications | Parameter | Typical Value | | :--- | :--- | | **Output Voltage** | Fixed 3.3V (standard for CC0 series) | | **Max Input Voltage** | Up to 16V - 20V | | **Output Current** | 100mA to 150mA | | **Dropout Voltage** | ~0.4V to 0.5V at full load | | **Package Type** | SOT-23 or SOT-89 (Surface Mount) | --- ## 2. Pinout Configuration (Standard SOT-23) Most 03CC0 components follow a standard 3-pin configuration: 1. **VIN (Input):** The unregulated input voltage source. 2. **GND (Ground):** The common reference point for the circuit. 3. **VOUT (Output):** The regulated, steady 3.3V output. --- ## 3. Practical Applications Because of its small footprint and stable output, the 03CC0 is found in: * **Microcontroller Powering:** Providing clean 3.3V to ARM or ESP32 chips. * **Sensor Modules:** Regulating power for high-precision analog sensors. * **Battery Management:** Reducing lithium-ion battery voltage (3.7V-4.2V) down to a usable 3.3V. --- ## 4. Example Circuit Implementation To ensure stability, LDOs require external capacitors. Below is a generic implementation: ```cpp // Schematic representation: // [Input Voltage] ----> (VIN) [03CC0] (VOUT) ----> [Target Device] // | | | // [C_in] (GND) [C_out] // | | | // Ground Ground Ground // Recommended Capacitor Values: // C_in: 0.1uF (Ceramic) // C_out: 1uF to 10uF (Tantalum or Low-ESR Ceramic) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the 03CC0 before it risks failure?
    • ⤷ How does the dropout voltage affect battery-powered design?
    • ⤷ Can I substitute a 03CC0 with an AMS1117-3.3?