データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 03GENG3E-R

  • AI
    The **03GENG3E-R** is a high-performance, three-phase AC power line filter (EMI/RFI filter) manufactured by **Delta Electronics**. It is designed to suppress electromagnetic interference in industrial power systems. --- ## 1. Core Technical Specifications The electronic performance of this part is defined by its ability to handle high voltage/current while filtering noise. | Parameter | Specification | | :--- | :--- | | **Rated Voltage** | 440/250 VAC | | **Rated Current** | 3 Amperes | | **Operating Frequency** | 50/60 Hz | | **Leakage Current** | 1.0 mA (at 250V/50Hz) | | **Hipot Rating (L to G)** | 2250 VDC | | **Hipot Rating (L to L)** | 1450 VDC | | **Temperature Range** | -25°C to +85°C | --- ## 2. Electronic Component Breakdown The internal circuitry of the 03GENG3E-R consists of a multi-stage LC (Inductor-Capacitor) network designed for three-phase power. ### A. Common Mode Chokes (Inductors) * **Function:** These are dual-wound coils on a single core. They create high impedance for common-mode noise (interference flowing in the same direction on all lines) while allowing the power current to pass through. * **Material:** Usually high-permeability ferrite cores to handle high frequencies. ### B. Y-Capacitors (Line-to-Ground) * **Function:** These capacitors are connected between the power phases and the ground. They shunt high-frequency noise to the earth. * **Safety Rating:** They are rated for safety to ensure that if they fail, they do not create a shock hazard. ### C. X-Capacitors (Line-to-Line) * **Function:** Connected between the phases to reduce differential-mode noise (noise flowing between the power lines themselves). ### D. Bleeder Resistors * **Function:** High-value resistors connected across the capacitors to discharge stored energy once the power is disconnected, ensuring the terminals are safe to touch. --- ## 3. Terminal and Housing Configuration The "R" suffix and "G3E" designation refer to the physical and connection interface: * **Input/Output:** Typically uses threaded studs or fast-on terminals for secure industrial wiring. * **Housing:** Metal casing that acts as a Faraday shield to prevent the filter itself from radiating or receiving EMI. * **Mounting:** Metal tabs for chassis grounding, which is critical for the Y-capacitors to function correctly. --- ## 4. Common Applications Due to its 3A rating and three-phase capability, it is electronically suited for: 1. **Small Motor Drives:** Variable Frequency Drives (VFDs) for small conveyors. 2. **Medical Equipment:** High-precision instruments requiring clean power. 3. **Automation Controllers:** Protecting PLCs from grid noise. 4. **Power Supplies:** Industrial-grade switched-mode power supplies (SMPS).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 03GENG3E-R and the 06GENG3E-R models?
    • ⤷ How does leakage current affect the safety of this electronic part?
    • ⤷ What are the specific insertion loss characteristics for this filter across different frequencies?