データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 03N-R

  • AI
    Based on your query, the part designation **03N-R** typically refers to a specific series of surface-mount (SMD) components, most commonly **NTC Thermistors** (Negative Temperature Coefficient) manufactured by companies like **Murata** or **TDK**, or certain types of miniature connectors/inductors. However, in the context of general electronics manufacturing, it is most frequently associated with the **Murata NCP series** or similar NTC thermistor specifications. --- ## 1. Technical Overview: 03N-R (NTC Thermistor) A thermistor is a resistor whose resistance decreases as the temperature increases. These are vital for temperature sensing and circuit protection. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | NTC Thermistor | | **Package Size** | 0603 (Metric 1608) | | **Resistance (at 25°C)** | 10kΩ to 100kΩ (depending on suffix) | | **Tolerance** | ±1% to ±5% | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount Device (SMD/SMT) | --- ## 2. Component Breakdown The alphanumeric code "03N-R" usually breaks down as follows in a manufacturer's catalog: 1. **03**: Refers to the physical size of the chip. In the EIA standard, `03` often maps to a **0603** size (1.6mm x 0.8mm). 2. **N**: Generally indicates the material constant or the **Negative** temperature coefficient characteristic. 3. **R**: Standard industry shorthand for **RoHS Compliant** or **Tape & Reel** packaging. --- ## 3. Common Applications These parts are found in almost all modern consumer electronics to prevent overheating. * **Battery Packs:** Monitoring the temperature of Li-ion cells during charging to prevent thermal runaway. * **LCD Displays:** Compensating for contrast changes caused by temperature fluctuations. * **CPU/GPU Monitoring:** Providing thermal feedback to fans or power management ICs (PMICs). * **Mobile Phones:** Protecting sensitive RF power amplifiers. --- ## 4. Example Circuit Representation In a basic voltage divider circuit, the 03N-R part is used to convert temperature into a measurable voltage for a Microcontroller (MCU). ```cpp // Logic for reading a 03N-R Thermistor int sensorValue = analogRead(A0); float voltage = sensorValue * (5.0 / 1023.0); // The resistance of 03N-R changes, altering 'voltage' // MCU converts 'voltage' to Temperature (°C) via Steinhart-Hart equation ``` --- ## 5. Identification Check If the part you are looking at is **not** a thermistor, it may be: * **A Connector:** Part of a series like the JST "NR" or "ZR" series (0.3mm pitch). * **An Inductor:** Certain miniature power inductors use "03N" as a core size designation. *Please verify the manufacturer logo on the component or packaging to confirm the exact datasheet.*
    ✨ Follow-up Questions
    • ⤷ What is the resistance value of your specific 03N-R part at room temperature?
    • ⤷ Are you looking for a datasheet for a specific manufacturer like Murata or TDK?
    • ⤷ Is this part being used for temperature compensation or overcurrent protection?