0412CDMCCDS-R12MC
AI

The part number **0412CDMCCDS-R12MC** refers to a high-current, low-profile **Power Inductor** manufactured by **Sumida**. These components are specifically designed for high-efficiency DC-DC conversion in compact electronic devices.
---
### 1. Technical Specifications
The following table breaks down the core electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.12 µH |
| **Tolerance** | ±20% (M) |
| **DC Resistance (DCR)** | ~1.65 mΩ (Max) |
| **Saturation Current (Isat)** | ~25.0 A |
| **Temperature Rise Current (Irms)** | ~17.0 A |
| **Dimensions (L x W x H)** | 4.4 x 4.0 x 1.2 mm |
| **Operating Temperature** | -55°C to +125°C |
---
### 2. Part Number Decoder
Understanding the nomenclature helps in identifying the series and its capabilities:
* **0412**: Refers to the case size (approx. 4.0mm x 4.0mm x 1.2mm).
* **CDMC**: Indicates the series type (Molded Power Inductor).
* **CDS**: Specific sub-series identifier (often denoting high frequency/low DCR).
* **R12**: The inductance value. "R" acts as a decimal point, so **0.12 µH**.
* **M**: Tolerance code (±20%).
* **C**: Packaging or internal revision code.
---
### 3. Key Features and Applications
#### Features:
* **Metal Compound Molding:** The coil is embedded in a metallic magnetic powder. This construction provides a "soft" saturation characteristic and excellent magnetic shielding, reducing Electromagnetic Interference (EMI).
* **High Current Handling:** Despite its small 0412 footprint, it can handle very high saturation currents (up to 25A) due to its low DCR.
* **Low Profile:** At only 1.2mm height, it is ideal for slim consumer electronics.
#### Common Applications:
1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs for power delivery.
2. **Mobile Devices:** Smartphones, tablets, and ultra-thin laptops.
3. **DC/DC Converters:** High-frequency point-of-load (POL) power supplies.
4. **SSD/Storage:** Power management for solid-state drives.
---
- ⤷
What is the difference between Isat and Irms in power inductors?
- ⤷ Why is metal molding preferred over traditional wire-wound ferrites for EMI?
- ⤷ Are there automotive-grade equivalents (AEC-Q200) for this part?