データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 05-R

  • AI
    In the context of electronic components, the designation **"05-R"** is most commonly associated with **Ceramic Disc Capacitors** and specific **Fuse** series. Below is a detailed breakdown of what these parts typically represent in the electronics industry. --- ### 1. 05-R as a Capacitor Specification In many component numbering systems (like those used by Murata or Vishay), "05" often refers to the physical size or lead spacing, while "R" denotes a temperature coefficient or a tolerance rating. | Feature | Description | | :--- | :--- | | **Component Type** | Ceramic Disc Capacitor | | **Dielectric** | Often indicates an **R** characteristic (similar to X7R or X5R), indicating stability over temperature. | | **Lead Spacing** | "05" frequently denotes a **5.0mm** pitch between the two pins. | | **Typical Use** | Decoupling, bypass circuits, and noise filtering in DC circuits. | ### 2. 05-R as a Fuse Series (Bel Fuse) One of the most common industrial uses of "05-R" is within the **Bel Fuse** product line (specifically the 5HF / 5HT / 5MF series). | Specification | Details | | :--- | :--- | | **Part Prefix** | 0605 / 05-R | | **Form Factor** | 5x20mm Miniature Glass or Ceramic Tube Fuse. | | **"R" Suffix** | Stands for **RoHS Compliant**. | | **Application** | Primary protection for power supplies, monitors, and consumer electronics. | ### 3. SMD Resistor Codes (05R) If you see "05R" printed directly on a Surface Mount Device (SMD): * **Value:** It represents a resistance of **0.05 Ohms**. * **Notation:** The "R" acts as a decimal point. * **Function:** Usually used as a **Current Sense Resistor** to monitor power consumption in a circuit. --- ### Technical Identification Table | Component | Meaning of "05" | Meaning of "R" | | :--- | :--- | :--- | | **Capacitor** | 5mm Lead Spacing | Temperature Coeff (e.g., X7R) | | **Fuse** | Series Identifier | RoHS Compliant | | **Resistor** | Multiplier / Size | Decimal Point (0.05Ω) | --- ### Visual Example: Resistor Coding ```python # Decoding 05R on a Resistor code = "05R" if "R" in code: value = code.replace("R", ".") print(f"Resistance: {value} Ohms") # Output: 0.05 Ohms ```
    ✨ Follow-up Questions
    • ⤷ Are you looking for the datasheet for a specific manufacturer like Bel Fuse or Murata?
    • ⤷ Is this part a through-hole component or a surface mount (SMD) device?
    • ⤷ Can you describe the physical shape and color of the component?