データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0530CDMCCDS-R33MC

  • AI
    The part number **0530CDMCCDS-R33MC** refers to a high-current, low-profile power inductor, typically manufactured by **Sumida**. These components are widely used in DC-DC converters for laptops, servers, and automotive electronics. ### Component Breakdown The alphanumeric code provides specific details about the part's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **0530** | Case Size | Dimensions are approx. 5.4mm x 5.2mm with a 3.0mm height. | | **CDMC** | Series Type | Power Inductor with a metal compound core (Molded type). | | **CDS** | Construction | Shielded construction for low EMI (Electromagnetic Interference). | | **R33** | Inductance Value | **0.33 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** tolerance on the inductance value. | | **C** | Packaging/Custom | Often refers to specific carrier tape or internal factory codes. | --- ### Key Technical Specifications While exact values can vary slightly by manufacturer batch, the typical specifications for an R33 (0.33µH) in the 0530 size are: * **Inductance:** 0.33 µH * **DC Resistance (DCR):** Extremely low (typically between 2.0mΩ and 4.5mΩ) to minimize power loss. * **Saturation Current (Isat):** Very high, usually ranging from **15A to 22A**. This is the current at which inductance drops by a specific percentage. * **Temperature Rise Current (Irms):** The current that causes a 40°C rise in temperature, typically around **12A to 16A**. * **Operating Temperature:** Generally -40°C to +125°C. --- ### Core Features and Benefits 1. **Metal Powder Molding:** Unlike traditional wire-wound inductors with a ferrite core, these use a metal alloy powder. This allows for a "soft saturation" characteristic, meaning the inductor doesn't lose its effectiveness abruptly when current spikes. 2. **Magnetic Shielding:** The molded structure naturally acts as a shield, reducing magnetic leakage that could interfere with nearby components on a dense PCB. 3. **High Efficiency:** The low DCR makes it ideal for high-efficiency power supplies where heat dissipation is a concern. ### Common Applications * **Voltage Regulator Modules (VRMs):** Found near CPUs and GPUs. * **Point of Load (POL) Converters:** Used in telecommunications. * **Battery Powered Devices:** Due to the compact size and high efficiency. * **Automotive Infotainment:** Where ruggedness and EMI control are required.
    ✨ Follow-up Questions
    • ⤷What is the difference between a molded inductor and a traditional ferrite inductor?
    • ⤷ How do I calculate if the 15A saturation current is sufficient for my circuit?
    • ⤷ What are the equivalent alternative part numbers for this 0530 0.33uH inductor?