データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0603C-R22F

  • AI
    ### Overview of the 0603C-R22F The **0603C-R22F** is a specific part number for a surface-mount (SMD) inductor, typically manufactured by companies like **Coilcraft** (part of their 0603C series). It is a high-frequency, ceramic-core chip inductor designed for RF applications. --- ### Technical Specifications Below is a breakdown of the key parameters for this specific component: | Parameter | Value | Details | | :--- | :--- | :--- | | **Inductance** | 220 nH | "R22" represents 0.22 µH or 220 nH. | | **Tolerance** | ±1% | The suffix "F" denotes a 1% precision rating. | | **Package Size** | 0603 (EIA) | 1.6 mm x 0.8 mm (Metric 1608). | | **Core Material** | Ceramic | Non-magnetic core for high stability and Q-factor. | | **DC Resistance (DCR)** | ~1.90 Ω | Typical maximum resistance of the wire. | | **Self-Resonant Freq (SRF)** | ~950 MHz | The frequency at which it ceases to be inductive. | | **Current Rating (Irms)** | ~250 mA | The maximum continuous current it can handle. | --- ### Part Number Breakdown Understanding the nomenclature helps in identifying variants: 1. **0603**: Refers to the physical dimensions (0.06 x 0.03 inches). 2. **C**: Usually indicates the series (e.g., Ceramic core, High Q). 3. **R22**: The Inductance code. "R" acts as a decimal point in microhenries (0.22 µH = 220 nH). 4. **F**: The Tolerance code. * **F** = ±1% * **G** = ±2% * **J** = ±5% --- ### Key Features and Applications #### Features * **High Q Factor:** Excellent performance in high-frequency circuits. * **Tight Tolerance:** The 1% tolerance makes it ideal for precision tuning. * **Ceramic Construction:** Provides high thermal stability and very high SRF. #### Common Applications * **RF Transceivers:** Used in matching circuits and filters for Wi-Fi and Bluetooth. * **Impedance Matching:** Essential for minimizing signal reflection between components. * **High-Frequency Filtering:** Removing noise from high-speed data lines. * **Mobile Communications:** Found in cell phone antenna modules. --- ### Handling and Soldering As an SMD component, it is designed for automated **Pick and Place** assembly. * **Soldering:** Compatible with lead-free reflow soldering profiles. * **Moisture Sensitivity:** Typically MSL 1 (Unlimited shelf life at <30°C/85% RH).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the SRF (Self-Resonant Frequency) impact the performance of this inductor?
    • ⤷ Can I substitute a 0603C-R22J for a 0603C-R22F in a standard circuit?