データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0603CS-R12XL

  • AI
    The **0603CS-R12XL** is a specific part number for a surface-mount (SMD) wire-wound chip inductor, typically manufactured by **Coilcraft**. This component is widely used in high-frequency applications due to its high Quality Factor (Q) and stability. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the part: | Segment | Meaning | Description | | :--- | :--- | :--- | | **0603** | Case Size | 0.06 x 0.03 inches (approx. 1.6 x 0.8 mm). | | **CS** | Series Type | Ceramic chip inductor (Wire-wound). | | **R12** | Inductance | "R" acts as a decimal point; 0.12 µH (or 120 nH). | | **X** | Tolerance | Typically ±5% (standard for this series). | | **L** | Termination/Packing | Lead-free / RoHS compliant. | --- ### 2. Technical Specifications The electrical performance of the 0603CS-R12XL is optimized for RF and wireless communication circuits. | Parameter | Specification | | :--- | :--- | | **Inductance** | 120 nH | | **Tolerance** | ±5% | | **Quality Factor (Q) min** | 40 @ 250 MHz | | **SRF (Self Resonant Frequency)** | 1300 MHz (typical) | | **DCR (DC Resistance) max** | 0.65 Ohms | | **IDC (Maximum Current)** | 400 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Features and Applications The "CS" series uses a ceramic core and a wire-wound construction. This provides significant advantages over multilayer inductors. #### Features: * **High Q Factor:** Offers much lower signal loss at high frequencies compared to multilayer alternatives. * **Tight Tolerance:** Ensures consistency in resonant circuits. * **Wire-wound Construction:** Provides better current handling and higher SRF. #### Common Applications: 1. **RF Matching Networks:** Impedance matching for antennas in Wi-Fi, Bluetooth, and cellular modules. 2. **Filter Circuits:** Used in Band-pass or Low-pass filters for signal conditioning. 3. **VCOs:** Voltage Controlled Oscillators where high-frequency stability is required. 4. **Decoupling:** High-frequency noise suppression in sensitive RF power lines. --- ### 4. Component Comparison | Type | 0603CS (Wire-wound) | 0603 (Multilayer) | | :--- | :--- | :--- | | **Q-Factor** | High (40-80) | Low to Moderate | | **Current Handling** | Better | Lower | | **Precision** | High | Standard | | **Cost** | Higher | Lower |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the CS and CT series in Coilcraft inductors?
    • ⤷ How does the Self Resonant Frequency (SRF) affect the performance of this inductor?
    • ⤷ Are there alternative manufacturers for the 0603CS-R12XL?