データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0603CS-R15XGLW

  • AI
    The part number **0603CS-R15XGLW** refers to a high-frequency wire-wound chip inductor manufactured by **Coilcraft**. This specific component is part of their 0603CS series, known for high "Q" factors and excellent stability in RF applications. ### Part Number Breakdown Understanding the alphanumeric code helps identify the specific characteristics of the component: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **0603** | Case Size | 0603 (EIA) / 1608 (Metric) | | **CS** | Series Type | Ceramic chip, Wire-wound inductor | | **R15** | Inductance Value | 150 nH (R denotes decimal, 0.15 µH) | | **X** | Tolerance | ±10% | | **G** | Termination | Gold over nickel over moly-manganese | | **L** | Testing / Screening | Standard testing | | **W** | Packaging | 7″ machine-ready embossed tape | --- ### Technical Specifications Below are the typical electrical performance values for this specific inductor: | Parameter | Value | | :--- | :--- | | **Inductance** | 150 nH | | **Tolerance** | ±10% | | **Q Factor (Minimum)** | 45 at 150 MHz | | **SRF (Self Resonant Frequency)** | 1150 MHz (Minimum) | | **DCR (Direct Current Resistance)** | 0.88 Ohms (Maximum) | | **Irms (Maximum Current)** | 350 mA | | **Operating Temperature** | -40°C to +125°C | --- ### Key Features and Applications #### Features: * **Wire-wound Construction:** Provides much higher Q factors and current handling compared to multilayer inductors of the same size. * **Ceramic Core:** Ensures thermal stability and high SRF, making it suitable for high-frequency circuits. * **Small Footprint:** The 0603 size (1.6mm x 0.8mm) is ideal for compact PCB layouts. #### Common Applications: 1. **RF Filtering:** Used in bandpass, low-pass, and high-pass filters. 2. **Impedance Matching:** Crucial for antenna matching circuits in wireless devices. 3. **Oscillators:** Provides stable inductance for VCOs (Voltage Controlled Oscillators). 4. **Signal Conditioning:** Used in high-speed telecommunications equipment. --- ### PCB Design Considerations When using the 0603CS-R15XGLW, keep the following in mind: * **Parasitics:** Due to the high SRF, ensure that PCB trace lengths are minimized to avoid unintended parasitic capacitance. * **Orientation:** Wire-wound inductors can have polarity-like sensitivity regarding magnetic coupling; consistent orientation is recommended for repeatable RF performance. * **Soldering:** The Gold (G) termination is suitable for specialized soldering or wire-bonding processes, though standard RoHS reflow is generally applicable depending on the specific finish.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the CS and HP series inductors from Coilcraft?
    • ⤷ How does the Q factor affect RF circuit performance?
    • ⤷ Can you explain how the Self Resonant Frequency (SRF) limits the use of this inductor?