データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0603CS-R18XJRW

  • AI
    The part number **0603CS-R18XJRW** refers to a high-frequency wire-wound chip inductor manufactured by **Coilcraft**. This specific component is designed for RF (Radio Frequency) applications where high Q-factors and tight tolerances are required. ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specific characteristics of the component: | Segment | Meaning | Description | | :--- | :--- | :--- | | **0603** | Size Code | Inch dimensions (0.06 x 0.03 inches) / Metric 1608 | | **CS** | Series | Ceramic core, wire-wound inductor | | **R18** | Inductance | 180 nH (R denotes decimal; 0.18 µH = 180 nH) | | **X** | Termination | Typically indicates silver-palladium-platinum-glass frit | | **J** | Tolerance | ±5% | | **R** | Packaging | 7″ machine-ready reel | | **W** | Environmental | RoHS compliant / Halogen-free | --- ### 2. Technical Specifications The **0603CS** series is known for its excellent performance in communication devices. | Parameter | Value | | :--- | :--- | | **Inductance** | 180 nH | | **Tolerance** | ±5% | | **Quality Factor (Q) Min** | 25 at 100 MHz | | **Self Resonant Frequency (SRF)** | 1150 MHz (Typical) | | **DC Resistance (DCR) Max** | 1.25 Ohms | | **Maximum DC Current (Irms)** | 270 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Features and Construction * **Wire-Wound Construction:** Unlike multilayer inductors, the wire-wound design provides much higher Q-factors and lower DC resistance, making it ideal for signal integrity. * **Ceramic Core:** The non-magnetic ceramic core ensures high stability and very high self-resonant frequencies. * **Physical Protection:** The component usually features a clear epoxy cap on top to provide a flat surface for automated pick-and-place machinery and to protect the fine copper wire. ### 4. Typical Applications This part is commonly found in RF and wireless circuitry, including: * **Impedance Matching:** Used in the front-end of power amplifiers or antennas. * **Filtering:** Low-pass, high-pass, or band-pass filters for signal processing. * **Oscillators:** Frequency generation in VCOs (Voltage Controlled Oscillators). * **Bluetooth/WLAN:** Commonly used in mobile phones and wireless infrastructure. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound inductor and a multilayer inductor?
    • ⤷ How does the Q-factor affect RF circuit performance?
    • ⤷ Can I substitute a 0603CS with a 0603HP series part?