データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0603CS-R18X_L

  • AI
    The **0603CS-R18X_L** is a specific part number for a surface-mount (SMD) ceramic core chip inductor manufactured by **Coilcraft**. This component is widely used in high-frequency RF (Radio Frequency) circuits. --- ## 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **0603** | Case Size | Imperial size 0603 (approx. 1.6 x 0.8 mm). | | **CS** | Series Type | Ceramic Core Wirewound Chip Inductor. | | **-R18** | Inductance Value | R18 denotes **180 nH** (Nanohenries). | | **X** | Tolerance | Typically represents ±5% (J) or ±2% (G) depending on the specific datasheet revision. | | **_L** | Termination/Finish | Indicates the lead-free (RoHS) termination style. | --- ## 2. Key Technical Specifications These inductors are prized for their high "Q" factor and stability at high frequencies. * **Inductance:** 180 nH * **Core Material:** Ceramic (Non-magnetic, offering excellent thermal stability). * **Winding:** Wirewound (Copper wire wrapped around a ceramic body). * **SRF (Self-Resonant Frequency):** Typically around 1150 MHz for this value. * **DCR (DC Resistance):** Low resistance to minimize power loss. * **Current Rating:** Rated for a specific maximum DC current (usually around 400-600 mA for this size/value range). --- ## 3. Application Use Cases The 0603CS series is found in sensitive RF electronics where signal integrity is critical. ### Common Uses: 1. **Impedance Matching:** Used in antenna circuits to match the impedance of the transceiver to the antenna. 2. **Filter Circuits:** Employed in Low Pass, High Pass, or Bandpass filters for wireless communication. 3. **Frequency Selection:** Integral in VCOs (Voltage Controlled Oscillators) and timing circuits. 4. **Decoupling:** Filtering out high-frequency noise in RF power lines. --- ## 4. Advantages of Wirewound Ceramic Inductors * **High Q Factor:** Results in lower signal loss (attenuation) in RF circuits. * **Tight Tolerances:** Essential for precision tuning. * **High SRF:** Allows the inductor to function as an inductor at much higher frequencies compared to multilayer types.
    ✨ Follow-up Questions
    • ⤷ How does the Q factor of this inductor compare to multilayer inductors?
    • ⤷ What is the physical footprint dimension in millimeters?
    • ⤷ What are the alternative tolerance codes for the Coilcraft 0603CS series?