データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0603CS-R25X_L_

  • AI
    The part number **0603CS-R25X_L_** refers to a high-frequency wire-wound ceramic core chip inductor, typically manufactured by **Coilcraft**. These components are essential in RF (Radio Frequency) circuits for tuning, impedance matching, and filtering. --- ### 1. Part Number Breakdown The nomenclature follows a specific standard that defines the physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **0603** | Size Code | Dimensions of 0.06 x 0.03 inches (1.6 x 0.8 mm). | | **CS** | Series Type | Ceramic core, standard profile wire-wound inductor. | | **R25** | Inductance Value | **250 nH** (The 'R' acts as a decimal point in microhenries). | | **X** | Tolerance | Typically represents ±5% (standard for this series). | | **L** | Termination/Plating | Usually signifies Silver-palladium-platinum-glass frit. | | **_** | Packaging | A placeholder for tape and reel specifications (e.g., C, B, or D). | --- ### 2. Key Technical Specifications Based on the Coilcraft 0603CS series datasheet, here are the typical parameters for the **R25 (250 nH)** variant: | Parameter | Value | | :--- | :--- | | **Inductance** | 250 nH @ 100 MHz | | **Q Factor (Minimum)** | 38 @ 100 MHz | | **Self Resonant Frequency (SRF)** | 1200 MHz (Typical) | | **DC Resistance (DCR Max)** | 1.45 Ohms | | **Maximum DC Current (Irms)** | 260 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Core Features and Applications #### Features * **Wire-Wound Construction:** Provides significantly higher Q factors and higher current handling compared to multilayer or thin-film inductors. * **Ceramic Core:** Ensures high stability across a wide temperature range and excellent frequency response. * **High SRF:** Allows the component to be used in high-frequency gigahertz applications without behaving like a capacitor. #### Common Applications 1. **RF Impedance Matching:** Used in the matching networks of power amplifiers (PAs) and low-noise amplifiers (LNAs). 2. **Filter Networks:** Integral part of Band Pass, Low Pass, and High Pass filters in wireless communication devices. 3. **VCO Tuning:** Used in Voltage Controlled Oscillators for frequency stability. 4. **Bluetooth/WLAN/LTE:** Found in mobile handsets and IoT devices for signal conditioning. --- ### 4. Comparison: Wire-Wound vs. Multilayer | Feature | 0603CS (Wire-Wound) | Standard 0603 (Multilayer) | | :--- | :--- | :--- | | **Q Factor** | Very High | Moderate/Low | | **Current Rating** | Higher | Lower | | **DC Resistance** | Lower | Higher | | **Cost** | Slightly Higher | Low |
    ✨ Follow-up Questions
    • ⤷What are the differences between the CS and HP series of 0603 inductors?
    • ⤷ How does the tolerance code 'X' impact high-frequency circuit performance?
    • ⤷ Can you explain how the Self Resonant Frequency (SRF) affects the usable range of this inductor?