データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0603CS-R27X

  • AI
    The **0603CS-R27X** is a specific part number for a high-frequency, ceramic core chip inductor manufactured by **Coilcraft**. It belongs to the 0603CS series, which are surface-mount devices (SMD) known for their high Q-factors and tight tolerances. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 270 nH | The "R27" indicates 0.27 µH (or 270 nH). | | **Case Size** | 0603 (EIA) | 1.6 mm x 0.8 mm (Metric 1608). | | **Core Material** | Ceramic | Non-magnetic; offers high stability and Q at high frequencies. | | **Tolerance** | Usually ±5% (J) | Common for the 'X' suffix in this series. | | **DCR (Max)** | 0.91 Ohms | Maximum DC resistance of the internal winding. | | **SRF (Min)** | 900 MHz | Self-Resonant Frequency; the limit for inductive behavior. | | **Irms** | 280 mA | Maximum current capacity before excessive heat. | --- ## 2. Construction and Design The 0603CS series utilizes a **Wire-Wound** construction on a ceramic substrate. This provides several advantages over multilayer inductors: * **High Q-Factor:** Because the coil is physically wound with wire, it has lower resistance at high frequencies compared to printed multilayer types. * **Low Parasitics:** The ceramic core ensures the lowest possible parasitic capacitance, leading to a high Self-Resonant Frequency (SRF). * **Encapsulation:** The "X" often denotes a specific termination or coating style (usually a clear UV-cured epoxy top) that protects the wire while allowing for automated pick-and-place assembly. --- ## 3. Typical Applications This component is designed primarily for **RF (Radio Frequency)** and wireless communication circuits: 1. **Impedance Matching:** Used in the front-end of RF transceivers to match antenna impedance to the power amplifier or LNA. 2. **Filter Networks:** Integral in Band Pass Filters (BPF) and Low Pass Filters (LPF) for signal conditioning. 3. **VCO Tuning:** Used in Voltage Controlled Oscillators to set the oscillation frequency. 4. **Signal Isolation:** Choking high-frequency noise while allowing DC power to pass through. --- ## 4. Soldering & Footprint * **Mounting:** SMD (Surface Mount Device). * **Land Pattern:** Standard 0603 pads. * **Process:** Compatible with lead-free reflow soldering (RoHS compliant).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q-factor affect the performance of an RF filter?
    • ⤷ What are the alternatives to Coilcraft for 0603 wire-wound inductors?