データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0603CS-R33XGLW

  • AI
    The part number **0603CS-R33XGLW** refers to a high-frequency, wirewound ceramic chip inductor manufactured by **Coilcraft**. This specific component is part of the 0603CS series, widely used in RF (Radio Frequency) applications. ### 1. Part Number Breakdown The alphanumeric code follows a specific naming convention that defines the component's physical and electrical characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **0603** | Case Size | 0603 (1.6mm x 0.8mm) | | **CS** | Series | Ceramic core, standard profile, wirewound | | **R33** | Inductance Value | 0.33 µH (330 nH) | | **X** | Tolerance | ±2% (Strict tolerance) | | **G** | Termination | Gold over nickel over moly-manganese | | **L** | Packaging | Tape and reel | | **W** | Environment | RoHS compliant, Halogen free | --- ### 2. Technical Specifications These parameters define how the inductor performs within a circuit: | Parameter | Value | | :--- | :--- | | **Inductance** | 330 nH | | **Tolerance** | ± 2% | | **Self-Resonant Frequency (SRF)** | 1150 MHz | | **Q Factor (min @ 100MHz)** | 48 | | **DC Resistance (DCR max)** | 1.15 Ohms | | **Current Rating (IDC)** | 350 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Features and Applications #### Features * **Wirewound Construction:** Offers significantly higher Q factors (efficiency) and higher current handling compared to multilayer inductors. * **Ceramic Core:** Provides excellent thermal stability and very high self-resonant frequencies, making it ideal for RF tuning. * **Gold Termination:** The 'G' suffix indicates gold plating, which is excellent for wire bonding or preventing oxidation in specific soldering environments. #### Typical Applications * **RF Impedance Matching:** Used in the front-end circuits of wireless transceivers. * **Filtering:** High-pass, low-pass, and band-pass filters for telecommunications. * **Bluetooth/WLAN Modules:** Found in compact mobile devices due to the 0603 footprint. * **VCOs:** Used in Voltage Controlled Oscillators to stabilize frequency. --- ### 4. Comparison to Multilayer Inductors Unlike cheaper multilayer inductors, the **0603CS wirewound series** maintains its inductance value more accurately over high frequencies and provides lower signal loss (Higher Q).
    ✨ Follow-up Questions
    • ⤷ What is the difference between ceramic core and ferrite core inductors?
    • ⤷ How does the Q factor affect RF circuit performance?
    • ⤷ Can I substitute a 5% tolerance part for this 2% part in a matching network?