データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0603CS-R33XJRW

  • AI
    The part number **0603CS-R33XJRW** refers to a high-frequency ceramic core chip inductor manufactured by **Coilcraft**. This specific series is widely used in RF (Radio Frequency) applications due to its high Q-factor and stable performance. ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specific technical characteristics of the component: | Segment | Code | Description | | :--- | :--- | :--- | | **Size** | 0603 | Imperial size (0.06 x 0.03 inches) / Metric 1608 | | **Series** | CS | Ceramic Core, wire-wound chip inductor | | **Inductance** | R33 | **330 nH** (R denotes decimal point in microhenries) | | **Tolerance** | J | **±5%** | | **Termination** | R | Matte tin over nickel over silver-platinum-glass frit | | **Packaging** | W | 7″ machine-ready reel (plastic tape) | --- ### 2. Technical Specifications These are the typical electrical parameters for this specific 330 nH inductor: | Parameter | Value | | :--- | :--- | | **Inductance** | 330 nH @ 100 MHz | | **Tolerance** | ±5% | | **Quality Factor (Q) Min** | 35 @ 100 MHz | | **Self-Resonant Frequency (SRF) Typ** | 900 MHz | | **DCR Max (DC Resistance)** | 2.10 Ohms | | **IDC Max (Rated Current)** | 230 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Features and Construction * **Wire-wound Technology:** Unlike multilayer inductors, these use a wire wound around a ceramic core. This results in much higher **Q factors** and higher current handling capabilities. * **Ceramic Core:** Provides excellent thermal stability and a high self-resonant frequency, making it ideal for high-frequency filtering. * **Small Footprint:** The 0603 package is a standard in mobile and compact electronics, balancing ease of assembly with space-saving requirements. --- ### 4. Common Applications Due to its high frequency and precision characteristics, this part is typically found in: 1. **RF Impedance Matching:** Used in the front-end circuits of Wi-Fi and Bluetooth modules. 2. **Filter Networks:** High-pass, low-pass, and band-pass filters for signal processing. 3. **VCOs:** Voltage Controlled Oscillators requiring stable inductance. 4. **Power Amplifiers:** Decoupling and biasing RF power stages. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q-factor affect RF circuit performance?
    • ⤷ Can this inductor be used in high-power applications?