データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0603CS-R33X_L_

  • AI
    The part number **0603CS-R33X_L_** refers to a high-frequency, wire-wound ceramic core chip inductor, typically manufactured by **Coilcraft**. These components are designed for RF (Radio Frequency) applications where high "Q" factors and tight tolerances are required. --- ### 1. Part Number Breakdown The nomenclature provides specific details about the component's physical and electrical characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **0603** | Case Size | 0.06 x 0.03 inches (1.6 x 0.8 mm) | | **CS** | Series Type | Ceramic core, standard profile | | **R33** | Inductance Value | R33 = 0.33 µH (or 330 nH) | | **X** | Tolerance | Typically ±5% (J) or ±2% (G) depending on catalog | | **L** | Termination | Silver-palladium-platinum-glass frit | | **_** | Packaging | B=Bulk, C=7" Reel, D=13" Reel | --- ### 2. Key Electrical Specifications The 0603CS series is known for its stability and performance in communication devices. * **Inductance:** 330 nH (at a specific test frequency, usually 100 MHz). * **Quality Factor (Q):** High Q (typically >40 at 100 MHz), ensuring low signal loss. * **SRF (Self-Resonant Frequency):** Usually around 900 MHz to 1 GHz for this specific value. * **DCR (DC Resistance):** Maximum resistance offered to DC current, typically around 0.8 to 1.0 Ohms. * **Irms (Rated Current):** Maximum DC current it can handle (typically around 300-400 mA). --- ### 3. Construction and Features The **Ceramic Core** provides exceptional thermal stability and a high self-resonant frequency compared to ferrite cores. * **Wire-wound Construction:** The wire is wound around the ceramic body, which allows for much higher Q factors than multilayer chip inductors. * **Tight Tolerances:** Available in tolerances as low as 2%, critical for impedance matching circuits. * **Environmental:** Usually RoHS compliant and halogen-free. --- ### 4. Common Applications These inductors are primarily found in high-frequency wireless equipment: 1. **Impedance Matching:** Used in the front-end of RF transceivers to match antenna impedance. 2. **Filter Networks:** High-pass, low-pass, and band-pass filters for signal conditioning. 3. **VCOs:** Voltage Controlled Oscillators requiring stable inductive loads. 4. **Bluetooth/WLAN:** Found in mobile phones and IoT devices for 2.4GHz and sub-GHz communication.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the 'Q factor' affect RF circuit performance?
    • ⤷ Can you explain how to calculate the Self-Resonant Frequency for this part?