データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0630CDMCDDS-R68MC

  • AI
    The **0630CDMCDDS-R68MC** is a high-performance, surface-mount (SMD) power inductor. This component is part of a specialized category of "Molded Power Inductors," which are designed to handle high currents while maintaining a compact footprint. --- ### 1. Part Number Breakdown To understand the technical specifications, we can decode the part number: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **0630** | Case Size | Approx. 6.6mm x 7.3mm x 3.0mm | | **CDMCDDS** | Series Type | Shielded, metal alloy powder molded construction | | **R68** | Inductance Value | 0.68 $\mu$H (Microhenries) | | **M** | Tolerance | $\pm$20% | | **C** | Packaging/Type | Standard Commercial grade / Tape & Reel | --- ### 2. Key Technical Specifications These parts are engineered for efficiency in power conversion circuits. * **Inductance:** 0.68 $\mu$H * **DC Resistance (DCR):** Extremely low (typically in the range of 5-8 m$\Omega$), which minimizes power loss as heat. * **Saturation Current ($I_{sat}$):** The current at which inductance drops by 30%. For this size, it is typically around **15A - 20A**. * **Heating Current ($I_{rms}$):** The continuous current that causes a 40°C temperature rise. * **Operating Temperature:** Generally rated from -55°C to +125°C. --- ### 3. Core Construction & Advantages Unlike traditional wire-wound inductors with a ferrite drum, the 0630CDMCDDS series uses **Molded Powder Technology**: 1. **Magnetic Shielding:** The coil is embedded in a metallic powder composite. This naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring parts. 2. **Soft Saturation:** Unlike ferrite cores that lose inductance suddenly when over-currented, these metal powder cores have a "soft" saturation curve, making the circuit more stable under peak loads. 3. **Acoustic Noise Reduction:** The molded structure reduces the physical vibration of the coils, eliminating the "buzzing" sound often heard in power supplies. --- ### 4. Typical Applications This specific inductor (0.68 $\mu$H) is commonly used in high-frequency DC-DC converters: * **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU power phases. * **Handheld Electronics:** Tablets and laptops where space is limited but current demand is high. * **LED Drivers:** Providing stable current for high-brightness lighting. * **Power Supplies:** Specifically in Buck, Boost, and Buck-Boost topologies. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the 0630CDMCDDS-R68MC?
    • ⤷ How does the 'soft saturation' characteristic benefit a DC-DC converter circuit?
    • ⤷ What is the physical footprint and land pattern for soldering this component?