データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 06GEEW3ES-R

  • AI
    The **06GEEW3ES-R** is a high-performance **Power Entry Module (PEM)** manufactured by Delta Electronics. It is primarily designed to filter electromagnetic interference (EMI) and provide a secure power connection for sensitive electronic equipment. --- ### 1. Key Technical Specifications The component combines several functions into a single compact housing: an IEC inlet, a power switch, and an EMI filter. | Parameter | Specification | |:---|:---| | **Manufacturer** | Delta Electronics | | **Rated Voltage** | 115/250 VAC | | **Rated Current** | 6A | | **Operating Frequency** | 50/60 Hz | | **Leakage Current** | 0.45mA max @ 250V / 0.22mA max @ 115V | | **Mounting Type** | Flange Mount (Screw-in) | | **Termination Style** | Solder Lug / Quick Connect | | **Components Included** | IEC Connector + Switch + EMI Filter | --- ### 2. Internal Electronic Structure The "ES" series from Delta is known for its **General Purpose Filter** design. Internally, the 06GEEW3ES-R contains a network of passive components designed to suppress noise: * **X-Capacitors:** These are connected across the line and neutral to suppress "differential mode" noise (noise between the power lines). * **Y-Capacitors:** These are connected between the power lines and the ground to suppress "common mode" noise (noise between the lines and the chassis/earth). * **Common Mode Choke:** An inductor with two windings on a single core that acts as a high-impedance path for unwanted high-frequency interference while allowing the 50/60Hz power to pass through. --- ### 3. Feature Breakdown * **Integrated Power Switch:** It features a built-in rocker switch, reducing the need for separate wiring and panel cutouts. * **EMI/RFI Suppression:** Effectively reduces conducted emissions, helping devices meet international regulatory standards (like FCC or CE). * **Space Efficiency:** By combining the inlet, filter, and switch, it saves significant internal "real estate" inside the device chassis. * **Safety Approvals:** Typically carries UL, CSA, and VDE certifications, ensuring it meets global safety standards for electrical insulation and fire resistance. --- ### 4. Typical Applications * Medical instrumentation (low leakage versions). * Test and measurement equipment. * Industrial power supplies. * Office automation and computing peripherals.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'ES' and 'EG' series in Delta power filters?
    • ⤷ How do I calculate if the 0.45mA leakage current is safe for my specific application?
    • ⤷ What is the recommended panel cutout size for the 06GEEW3ES-R?