データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 070R-R

  • AI
    The term **070R-R** typically refers to a specific type of **Precision Metal Film Resistor**. These components are widely used in electronics where stability, low noise, and high accuracy are required. Below is a detailed breakdown of the characteristics, specifications, and common applications for this electronic part. --- ### 1. Component Overview The "070" usually denotes the physical series/size (often related to wattage or length), while the "R-R" suffix often indicates the packaging type (Tape & Reel) and RoHS compliance. | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Resistor | | **Material** | Metal Film | | **Tolerance Range** | Typically ±0.1% to ±1% | | **Temperature Coefficient** | Low (50ppm/°C or lower) | | **Mounting Type** | Through-hole (Axial) | --- ### 2. Key Technical Characteristics * **Metal Film Technology:** Unlike carbon film resistors, metal film resistors use a thin layer of metal alloy as the resistive element. This provides much better stability against temperature changes and aging. * **Low Noise:** These parts are designed to minimize "current noise," making them ideal for high-fidelity audio circuits and sensitive measuring equipment. * **Precision:** The manufacturing process allows for very tight tolerance levels, meaning the actual resistance is very close to the labeled value. --- ### 3. Decoding the Part Number (General Industry Standard) While specific manufacturers (like RoyalOhm or Yageo) might vary slightly, the code breaks down as follows: 1. **070:** Often represents the **Power Rating**. In many series, this corresponds to **1/4W (0.25W)** or **1/2W (0.50W)** depending on the manufacturer's catalog. 2. **R:** Often denotes the **Resistance Value** (if used as a decimal point) or a specific **Tolerance** code. 3. **-R:** Usually stands for **RoHS Compliant** (Lead-free) or **Reel** packaging. --- ### 4. Common Applications Metal film resistors like the 070R-R are found in: * **Audio Equipment:** Preamplifiers and mixers where low signal distortion is critical. * **Instrumentation:** Multimeters and sensors that require high accuracy. * **Telecommunications:** Stability in high-frequency signal processing. * **Medical Electronics:** Where long-term reliability and precision are mandatory. --- ### 5. Comparison: Metal Film vs. Carbon Film | Feature | Metal Film (070R-R) | Carbon Film | | :--- | :--- | :--- | | **Accuracy** | High | Low/Moderate | | **Thermal Stability** | Excellent | Poor | | **Noise Level** | Very Low | High | | **Cost** | Slightly Higher | Very Cheap |
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value and tolerance printed on your 070R-R component?
    • ⤷ How do I identify the wattage of a metal film resistor based on its physical size?
    • ⤷ Can I substitute a carbon film resistor for a 070R-R in a precision circuit?