データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0AR1-R

  • AI
    The part number **0AR1-R** typically refers to a specialized **Surface Mount (SMT) Current Sense Resistor**, often part of a series produced by manufacturers like Susumu or Cyntec. These components are engineered for precision measurement of electrical current by creating a small voltage drop that can be monitored by a controller or IC. --- ### 1. Technical Specifications Below are the typical technical parameters for the **0AR1-R** component: | Parameter | Value/Description | | :--- | :--- | | **Component Type** | Current Sense Resistor (Metal Strip/Thick Film) | | **Resistance Value** | 0.1 $\Omega$ (indicated by "R1") | | **Tolerance** | Generally ±1% or ±5% (depending on the full suffix) | | **Power Rating** | Varies by package size (e.g., 1/4W to 2W) | | **Composition** | Metal element for high stability and low noise | | **Compliance** | RoHS compliant / Lead-free ("-R" suffix) | --- ### 2. Key Features * **Low Resistance:** The "R1" indicates $0.1$ ohms. This low value minimizes power loss (heat) while allowing for current detection. * **High Precision:** Designed to maintain a stable resistance value even as temperature fluctuates (Low Temperature Coefficient of Resistance - TCR). * **High Power Handling:** Unlike standard resistors, these are built to withstand surges and continuous high current. --- ### 3. Common Applications These parts are found in circuits where monitoring the flow of electricity is critical for safety or performance: 1. **Battery Management Systems (BMS):** Measuring charge and discharge rates in laptops or EVs. 2. **DC-DC Converters:** Used in feedback loops to regulate output current. 3. **Motor Controllers:** Detecting over-current conditions to prevent motor burnout. 4. **Power Supplies:** Monitoring load conditions in consumer electronics. --- ### 4. Decoding the Part Number While naming conventions vary slightly by brand, the structure usually follows this logic: | Segment | Meaning | | :--- | :--- | | **0A** | Series/Case Size Code (e.g., 0805 or 1206 footprint) | | **R1** | Resistance value ($0.1 \Omega$) | | **-R** | Packaging/Compliance (Tape & Reel / RoHS) | ---
    ✨ Follow-up Questions
    • ⤷What is the specific package size for the 0AR1-R resistor?
    • ⤷ How do I calculate the voltage drop across this resistor at 2 Amps?
    • ⤷ Are there alternative parts with a lower tolerance than 1%?