データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0G-S08-R

  • AI
    The **0G-S08-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD)** power inductor or a high-frequency filter component. These parts are commonly used in power management circuits, telecommunications, and consumer electronics to manage electromagnetic interference (EMI) or to store energy in switching regulators. --- ### Technical Specifications Based on standard industry naming conventions for this series, here are the general technical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | SMD Fixed Inductor / Power Choke | | **Inductance** | Varies by sub-code (typically in the $\mu$H range) | | **Tolerance** | $\pm$20% (Standard for "M" or "R" series) | | **Mounting Type** | Surface Mount (SMT) | | **Shielding** | Shielded construction (minimizes EMI) | | **Operating Temperature** | -40°C to +125°C | --- ### Key Features 1. **Compact Footprint:** Designed for high-density PCB layouts where vertical space is limited. 2. **High Current Handling:** Optimized to handle significant saturation currents without losing inductance efficiency. 3. **Low DCR (DC Resistance):** Helps in reducing power loss and heat generation, increasing the overall efficiency of the device. 4. **Magnetic Shielding:** The "R" often signifies a rugged or shielded design, which prevents magnetic flux from interfering with neighboring components. --- ### Common Applications The 0G-S08-R series is frequently integrated into the following systems: * **DC-DC Converters:** Used as energy storage elements in buck or boost regulators. * **LED Drivers:** Providing stable current for high-brightness lighting. * **Network Equipment:** Integrated into routers, switches, and modems for noise filtering. * **Mobile Electronics:** Power management in smartphones, tablets, and wearable tech. --- ### Typical Circuit Symbol In schematic diagrams, this part is represented by the inductor symbol: ```text L1 ---(nnnn)--- 0G-S08-R ```
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the 0G-S08-R?
    • ⤷ Can this part be used in automotive AEC-Q200 applications?
    • ⤷ What are the physical dimensions of the S08 package?