データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0J1-R1

  • AI
    The term **0J1-R1** typically refers to a specific part numbering convention used for electronic components, most commonly **Surface Mount Device (SMD) resistors**. In the electronics industry, this specific alphanumeric string is a standardized way to describe the electrical properties and tolerance of a component. --- ### 1. Breaking Down the Part Code: "0J1-R1" This code is generally interpreted using the **EIA marking system** or manufacturer-specific naming conventions for resistors: | Part Segment | Meaning | Detailed Explanation | | :--- | :--- | :--- | | **0J1** | **Resistance Value** | In many systems, "0J1" represents **0.1 Ohms** ($\Omega$). The 'J' acts as both a multiplier and a decimal placeholder. | | **R** | **Resistance / Unit** | Indicates the component is a Resistor. In some contexts, 'R' also marks the decimal point position (e.g., 0R1 = 0.1 $\Omega$). | | **1** | **Tolerance or Power** | Depending on the manufacturer, this often signifies a **1% Tolerance** or a specific power rating (e.g., 1 Watt). | --- ### 2. Common Specifications If this part is a standard 0.1 $\Omega$ resistor used in modern circuitry, it likely possesses the following physical and electrical characteristics: #### A. Electrical Attributes * **Value:** 100 m$\Omega$ (0.1 $\Omega$). * **Tolerance:** Commonly $\pm 1\%$ (F) or $\pm 5\%$ (J). * **Function:** Frequently used for **Current Sensing**. Because the resistance is so low, it allows designers to measure the voltage drop across it to determine the current flowing through a circuit. #### B. Typical Form Factors (Packages) These parts usually come in standard SMD sizes: * **0603:** 1.6mm x 0.8mm * **0805:** 2.0mm x 1.25mm * **1206:** 3.2mm x 1.6mm (Common for power sensing) --- ### 3. Application Use Cases Components with the "0J1" designation are rarely used for simple voltage division; they are specialized parts: 1. **Battery Management Systems (BMS):** Measuring charge and discharge rates. 2. **DC-DC Converters:** Providing feedback to the controller to prevent over-current conditions. 3. **Motor Control:** Monitoring the load on a motor to detect stalls or obstructions. --- ### 4. Technical Comparison How this part differs from standard resistors: | Feature | Standard Resistor (e.g., 10k) | 0J1-R1 (0.1 $\Omega$) | | :--- | :--- | :--- | | **Primary Use** | Voltage limiting / Signal biasing | Current measurement | | **Heat Dissipation** | Negligible | Critical (requires specific Wattage) | | **Precision** | Standard (5%) | Usually High (1% or better) | ---
    ✨ Follow-up Questions
    • ⤷ Are you looking for the datasheet of a specific manufacturer for this part?
    • ⤷ How do you plan to use this 0.1 Ohm resistor in your circuit?
    • ⤷ Do you need help calculating the power rating required for this component?