データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 0TS-236-R

  • AI
    The **TS-236-R** is a specific model of a **Tactile Switch** (push-button switch). These components are widely used in consumer electronics, automotive controls, and industrial interfaces to provide a physical "click" sensation and complete an electrical circuit when pressed. --- ### 1. Technical Specifications The following table highlights the typical electrical and mechanical properties of the TS-236-R series: | Property | Value/Specification | | :--- | :--- | | **Switch Type** | Momentary Push Button (SPST) | | **Mounting Type** | Through-Hole (THT) or SMD (depends on sub-series) | | **Actuation Force** | 160gf to 250gf (Standard) | | **Contact Rating** | 50mA @ 12V DC | | **Contact Resistance** | < 100mΩ | | **Travel Distance** | 0.25mm ± 0.1mm | | **Dielectric Strength** | 250V AC for 1 minute | | **Operating Life** | 50,000 to 100,000 cycles | --- ### 2. Physical Design and Dimensions The "236" designation often refers to the physical footprint of the switch. Common characteristics include: * **Footprint:** Usually a square base (e.g., 6x6mm). * **Stem Height:** The "R" or subsequent digits often indicate the height of the plunger (the part you press). * **Terminal Layout:** Typically features 4 pins. Internally, pins are connected in pairs; pressing the button connects all four pins together. --- ### 3. Circuit Configuration The TS-236-R is a **Single Pole Single Throw (SPST)** switch. Below is a simplified representation of how it is integrated into a circuit: ```cpp // Typical Arduino Wiring Logic // Pin 1 & 2 -> Connected to Digital Input (with Pull-up resistor) // Pin 3 & 4 -> Connected to Ground (GND) void setup() { pinMode(2, INPUT_PULLUP); // Internal pull-up } void loop() { int buttonState = digitalRead(2); if (buttonState == LOW) { // Switch is pressed, circuit is closed } } ``` --- ### 4. Common Applications * **Computer Peripherals:** Reset buttons, power buttons on monitors. * **Consumer Electronics:** Remote controls, microwave panels, and digital cameras. * **Prototyping:** Breadboard-friendly components for DIY electronics (Arduino/Raspberry Pi). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions and height of the TS-236-R stem?
    • ⤷ Is the TS-236-R available in a Surface Mount (SMD) configuration?
    • ⤷ How do I debounce a tactile switch like the TS-236-R in code?