データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10-R0

  • AI
    The term **10-R0** (or **10R0**) typically refers to a specific resistance value or a part marking for an electronic component, most commonly a **Resistor**. --- ## 1. Deciphering "10-R0" In the electronics industry, the letter **"R"** acts as both a decimal point and a multiplier for Ohms ($\Omega$). | Marking | Interpretation | Value | | :--- | :--- | :--- | | **10R0** | 10 [Decimal] 0 | **10.0 $\Omega$** | | **R100** | [Decimal] 100 | **0.1 $\Omega$** | | **1R00** | 1 [Decimal] 00 | **1.0 $\Omega$** | ### What it means: * **Resistance:** 10 Ohms. * **Precision:** The inclusion of the "0" after the "R" often implies a tolerance level (usually **1%** or better), suggesting it is a precision component rather than a general-purpose one. --- ## 2. Common Component Types You will encounter 10-R0 markings primarily on these three types of hardware: ### A. Surface Mount (SMD) Resistors Found on modern circuit boards (PCBs). These are small rectangular chips. * **Marking:** "10R0" or "100" (where the last digit is the multiplier). * **Common Sizes:** 0603, 0805, 1206. ### B. Axial Lead Resistors Traditional through-hole components with color bands. * **Color Code for 10 $\Omega$:** Brown, Black, Black, Gold (or Silver). * **Usage:** Breadboarding, power supplies, and older electronics. ### C. Metal Film Resistors Often used when the "10-R0" precision is required. These have high stability and low noise. --- ## 3. Technical Specifications When sourcing a "10-R0" part, the resistance is only one factor. You must also consider: | Feature | Description | | :--- | :--- | | **Power Rating** | How much heat it can dissipate (e.g., 1/8W, 1/4W, 1W). | | **Tolerance** | The margin of error (e.g., $\pm$1% or $\pm$5%). | | **Temperature Coefficient** | How much the resistance changes with heat (measured in ppm/°C). | | **Package Size** | The physical dimensions (e.g., 0805 for SMD). | --- ## 4. Typical Applications * **Current Limiting:** Protecting LEDs or small transistors from overcurrent. * **Voltage Dividers:** Used in sensor circuits to scale voltages. * **Impedance Matching:** Used in audio or low-frequency signal lines to prevent signal reflection. * **Filtering:** Working with capacitors in RC (Resistor-Capacitor) filters. ---
    ✨ Follow-up Questions
    • ⤷ How do I read the color bands on a 10 Ohm resistor?
    • ⤷ What is the difference between a 10R0 and a 100R resistor?
    • ⤷ How can I calculate the power rating needed for a 10-R0 resistor?