データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1001-R

  • AI
    The **1001-R** typically refers to a specific series of **surface-mount (SMD) thick film chip resistors** or specific connectors, depending on the manufacturer. Most commonly, in the electronics industry, this part number is associated with high-precision resistors. Below is a breakdown of the technical specifications, characteristics, and usage for a standard 1001-R resistor component. --- ### 1. Technical Specifications Most "1001-R" components follow the standard 1206 or 0805 metric/imperial sizing. Here is a general specification table for a 1001-R Resistor: | Feature | Specification | | :--- | :--- | | **Component Type** | Thick Film Chip Resistor | | **Resistance Value** | 1000 Ohms (1kΩ) | | **Tolerance** | Usually ±1% or ±5% (indicated by suffix) | | **Power Rating** | 1/8W (0.125W) to 1/4W (0.25W) | | **Temperature Coefficient** | ±100 ppm/°C to ±200 ppm/°C | | **Operating Temperature** | -55°C to +155°C | | **Package/Case** | SMD (Surface Mount Device) | --- ### 2. Decoding the Part Number In the electronics manufacturing sector, the part number often follows a specific logic: * **1001**: This is the numerical resistance code. * `100` = The first three significant digits. * `1` = The multiplier ($10^1$). * **Calculation**: $100 \times 10 = 1000 \Omega$ (or $1k\Omega$). * **R**: This usually denotes the **decimal point** (if used in the value) or indicates **RoHS Compliance** (Lead-Free). --- ### 3. Key Characteristics * **Stability**: Thick film technology provides high stability against environmental factors like humidity and temperature fluctuations. * **Small Footprint**: Designed for automated "pick and place" assembly on Printed Circuit Boards (PCBs). * **Solderability**: Features nickel barrier terminations to prevent "leaching" during the soldering process. --- ### 4. Common Applications The 1k-ohm resistor is one of the most versatile values in circuit design. | Application | Function | | :--- | :--- | | **LED Circuits** | Used as a current-limiting resistor for low-power LEDs. | | **Digital Logic** | Acts as a Pull-up or Pull-down resistor for microcontroller pins. | | **Voltage Dividers** | Combined with other resistors to scale down voltages for sensors. | | **Filtering** | Used in RC (Resistor-Capacitor) networks to filter out noise. | --- ### 5. Schematic Example If you were to represent this in a netlist or code (e.g., for an SPICE simulation): ```spice * Resistor R1 connected between node 1 and 0 (Ground) R1 1 0 1k ``` ---
    ✨ Follow-up Questions
    • ⤷Are you referring to a specific manufacturer like Bourns or Vishay for this part?
    • ⤷ How do you calculate the power dissipation for a 1001-R resistor in a 12V circuit?
    • ⤷ Is the 1001-R part you are looking for a resistor or a mechanical connector?