100325
AI

The **100325** is a specific electronic component belonging to the **100K series** of High-Performance ECL (Emitter-Coupled Logic) integrated circuits. It is primarily defined as a **Hex ECL-to-TTL Translator**.
### 1. Function and Purpose
The 100325 is designed to bridge two different logic families. It takes high-speed, low-voltage **ECL signals** and converts them into standard **TTL logic levels**. This is essential in mixed-signal environments where a high-speed backplane (ECL) must communicate with a standard microprocessor or peripheral controller (TTL).
---
### 2. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Function** | Hex Translator (6-bit) |
| **Input Logic** | ECL (Differential or Single-ended) |
| **Output Logic** | TTL (Transistor-Transistor Logic) |
| **Propagation Delay** | ~2.5 ns to 4.5 ns (typical) |
| **Operating Voltage** | -4.2V to -5.7V (Vee) and +5.0V (Vcc) |
| **Operating Temperature** | 0°C to +85°C |
---
### 3. Pin Configuration and Features
The 100325 typically comes in a **24-pin DIP** or **SOIC** package. Key features include:
* **Hex Capability:** Contains six independent translation channels.
* **Differential Inputs:** Most versions allow for differential ECL inputs to improve noise immunity.
* **Vbb Reference Output:** Provides a reference voltage for single-ended ECL input signals.
* **Internal Input Termination:** Often includes 50 kΩ pull-down resistors to ensure a stable logic state if inputs are left floating.
---
### 4. Typical Applications
1. **High-Speed Computing:** Used in mainframe or supercomputer architectures where ECL logic is utilized for its speed.
2. **Test Equipment:** Interfacing high-speed signal generators with standard control units.
3. **Telecommunications:** Converting high-frequency fiber-optic interface signals to processing logic.
---
### 5. Implementation Example
If you are designing a system where an ECL clock source needs to trigger a TTL-based microcontroller, the 100325 acts as the physical interface:
```text
[ ECL Logic Source ] ----> [ 100325 Translator ] ----> [ TTL Logic/MCU ]
(-0.9V to -1.7V) (Conversion) (0V to 5V)
```
- ⤷
What are the main differences between the 100324 and 100325 chips?
- ⤷ Does the 100325 require a dual power supply setup?
- ⤷ What are the modern alternatives to the 100K ECL logic series?