データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1008CP-R12

  • AI
    The **1008CP-R12** is a specific part number typically associated with **Surface Mount (SMT) Wire-wound Chip Inductors**. This component is widely used in high-frequency applications where precise inductance and high reliability are required. ### 1. Technical Specifications Table The following table outlines the typical characteristics of a component with this nomenclature: | Feature | Specification | | :--- | :--- | | **Inductance** | 0.12 µH (120 nH) | | **Case Size** | 1008 (2.5 mm x 2.0 mm) | | **Tolerance** | ±5% (Standard for 'J' grade) or ±10% ('K' grade) | | **Material** | Ceramic Core (non-magnetic) | | **Current Rating** | High Current (CP indicates High Current / Low DCR series) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Breakdown of the Part Number The part number follows a standard industry convention: * **1008**: Represents the physical dimensions in inches. (1.0" x 0.08" nominal, or **2.5 x 2.0 mm**). * **CP**: Often denotes the series type, typically indicating a **High Current** or **High Q** performance profile compared to standard CS series. * **R12**: This is the inductance code. * "R" acts as the decimal point. * **R12 = 0.12 µH** (which is equivalent to **120 nH**). --- ### 3. Key Features and Applications #### Features * **High Q Factor**: Provides low loss at high frequencies, making it ideal for RF circuits. * **Wire-wound Construction**: Offers much higher current handling and lower DC resistance (DCR) than multilayer inductors. * **Ceramic Core**: Ensures excellent thermal stability and high self-resonant frequency (SRF). #### Common Applications 1. **RF Communications**: Used in cellular phones, Wi-Fi modules, and Bluetooth devices. 2. **Impedance Matching**: Essential in antenna matching circuits to ensure maximum power transfer. 3. **Filtering**: Used in high-frequency low-pass or band-pass filters to eliminate noise. 4. **Satellite Equipment**: Due to its stability in high-frequency ranges. --- ### 4. Comparison: Wire-wound vs. Multilayer | Feature | 1008CP (Wire-wound) | Multilayer Inductor | | :--- | :--- | :--- | | **Current Handling** | Higher | Lower | | **Q Factor** | High | Low to Medium | | **DC Resistance** | Lower | Higher | | **Cost** | Slightly Higher | Economical |
    ✨ Follow-up Questions
    • ⤷ What is the maximum DC resistance (DCR) for the 1008CP-R12?
    • ⤷ Can this inductor be used in power supply switching circuits?
    • ⤷ How does the 'CP' series differ from the 'CS' series in chip inductors?