データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1012-R

  • AI
    The term **1012-R** typically refers to a high-precision, low-profile **Surface Mount Device (SMD) Power Inductor** or a specific series of **Rotary Switches**, depending on the manufacturer. Below is an analysis of the most common electronic part associated with this designation. --- ## 1. SMD Power Inductor (Most Common) In the context of power electronics, "1012" often refers to the physical dimensions (approximately 10mm x 12mm), and "R" signifies the resistance or a RoHS compliance indicator. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Package Type** | SMD (Surface Mount Device) | | **Dimensions** | Approx. 10.0mm x 12.0mm | | **Inductance Range** | Typically 1.0µH to 1000µH | | **Core Material** | Ferrite | | **Shielding** | Usually Shielded (to reduce EMI) | ### Key Applications * **DC-DC Converters:** Used for voltage regulation in laptops and servers. * **Power Supplies:** Acts as an energy storage element in switching power supplies. * **Filtering:** Used to suppress high-frequency noise in power lines. --- ## 2. Rotary Switch Series (Grayhill/NKK Type) The "1012" designation is also frequently used for miniature rotary switches used on PCB boards. ### Characteristics * **Positions:** Usually 10 or 12 positions (hence the "12" in the name). * **Output:** Binary Coded Decimal (BCD) or Hexadecimal. * **Mounting:** Through-hole or Right-angle (R) mounting. * **Sealing:** Often process-sealed to withstand wave soldering and cleaning. --- ## 3. Comparison of Variants Depending on the prefix (e.g., *VLC1012*, *MSS1012*), the "R" suffix can change meaning: | Component Type | Meaning of "R" | | :--- | :--- | | **Inductor** | Often indicates "Decimal Point" for inductance (e.g., 4R7 = 4.7µH). | | **Resistor** | Indicates Resistance in Ohms. | | **Switch** | Often indicates "Right Angle" orientation. | | **General** | Often stands for "RoHS Compliant" (Lead-free). | --- ### Identification Tip To identify your specific part exactly, look for the **Brand Logo** or **Prefix** on the component: 1. **Coilcraft (MSS1012):** Magnetic Shielded Inductor. 2. **Grayhill (Series 10):** Rotary Switch. 3. **Generic:** 1012 usually implies a 10mm x 12mm footprint.
    ✨ Follow-up Questions
    • ⤷ What is the manufacturer prefix printed on the component?
    • ⤷ Are you looking for the datasheet for an inductor or a switch?
    • ⤷ What is the inductance or resistance value marked on the top?