データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1025FA3-R

  • AI
    The **1025FA3-R** is a specific electronic component primarily known as a **high-current, fast-acting surface-mount fuse** manufactured by **Eaton (formerly Bussmann)**. It belongs to the 1025FA series, designed for high-density circuit board protection. --- ### 1. Key Technical Specifications The following table outlines the primary electrical and mechanical characteristics of the 1025FA3-R: | Property | Specification | | :--- | :--- | | **Part Number** | 1025FA3-R | | **Amperage Rating** | 3 Amps | | **Voltage Rating (AC)** | 250 VAC | | **Voltage Rating (DC)** | 125 VDC | | **Interrupting Rating** | 50A at 250VAC / 50A at 125VDC | | **Fuse Type** | Fast Acting (FA) | | **Package / Case** | 1025 (10.25mm x 4.5mm) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### 2. Physical Construction and Form Factor The "1025" in the part number refers to the physical dimensions of the ceramic body: * **Dimensions:** Approximately 10.25mm in length and 4.5mm in width. * **Material:** It typically features a ceramic tube construction with gold-plated or tin-plated brass end caps. * **Design:** It is designed for automated "pick-and-place" assembly and can withstand high-temperature infrared and vapor phase reflow soldering. --- ### 3. Functional Features * **Fast-Acting Response:** This fuse is designed to open very quickly (within milliseconds) when an overcurrent condition occurs. This is critical for protecting sensitive semiconductor components that cannot tolerate even brief spikes in current. * **Low Internal Resistance:** Ensures minimal voltage drop across the component during normal operation, which is vital for power efficiency in DC-DC converters. * **Safety Standards:** Typically carries certifications such as UL Recognition (Component Program) and CSA. --- ### 4. Common Applications Because of its small footprint and high voltage rating (250V), the 1025FA3-R is used in various industrial and consumer electronics: 1. **LCD Monitors and TVs:** Backlight inverters and power supply rails. 2. **Power Supplies:** Secondary stage protection for AC/DC adapters. 3. **Industrial Controllers:** Protecting I/O ports and internal logic circuits. 4. **Telecom Equipment:** High-voltage line protection in networking hardware. 5. **Storage Systems:** Protection for hard drive arrays and servers. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1025FA series and the 1025TD series?
    • ⤷ What are the specific soldering temperature limits for the 1025FA3-R?
    • ⤷ How does the 'Interrupting Rating' impact circuit safety in this specific fuse?