データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 103-R

  • AI
    The term **"103-R"** in the electronics industry typically refers to two distinct possibilities depending on the component type: a **Resistor/Capacitor value code** or a specific **Product Series** (often Inductors or Potentiometers). --- ### 1. Understanding the "103" Code In electronics, "103" is a standard three-digit EIA marking used to denote the numerical value of a component. | Digit | Meaning | Value | | :--- | :--- | :--- | | **1st Digit** | Significant Figure | 1 | | **2nd Digit** | Significant Figure | 0 | | **3rd Digit** | Multiplier ($10^n$) | $10^3$ (1,000) | | **Total Value** | Final Calculation | 10,000 | #### Value Conversions: * **Resistors:** 10,000 Ohms (**10kΩ**) * **Capacitors:** 10,000 picofarads (**10nF** or **0.01µF**) --- ### 2. The Meaning of "R" The suffix **"R"** usually indicates one of three things based on the manufacturer: 1. **RoHS Compliance:** The part is lead-free and meets environmental standards. 2. **Packaging (Tape & Reel):** Indicates the parts are supplied on a reel for automated SMT (Surface Mount Technology) assembly. 3. **Decimal Point:** In some resistor markings, "R" represents a decimal point (though rarely placed at the end; e.g., `1R0` is 1.0Ω). --- ### 3. Common Components with the "103-R" Label #### A. Trimmer Potentiometers (e.g., Bourns 3386 or 3362 series) Often labeled as **3362P-1-103R**. * **103:** Denotes a 10k Ohm maximum resistance. * **R:** Often signifies the packaging type or a specific taper/environmental rating. #### B. Power Inductors (e.g., Eaton/Coiltronics DR127-103-R) * **Value:** 103 usually represents **10µH** (10 plus 3 zeros in nanohenries, converted to microhenries). * **-R:** Specifically used by Eaton/Coiltronics to denote **RoHS compliance**. #### C. Surface Mount Resistors A resistor marked `103` is a simple **10kΩ resistor**. If "R" follows on the invoice or datasheet (e.g., `RC0603FR-07103RL`), it confirms the resistance is 10k and the part is supplied on a reel. --- ### Summary Table | Component Type | Interpretation of "103-R" | Typical Application | | :--- | :--- | :--- | | **Resistor** | 10kΩ, RoHS/Reel | Pull-up/down resistors | | **Capacitor** | 10nF, RoHS/Reel | Decoupling, filtering | | **Inductor** | 10µH, RoHS Compliant | DC-DC Converters | | **Potentiometer** | 10kΩ Variable Resistor | Calibration, Volume control |
    ✨ Follow-up Questions
    • ⤷ How do I distinguish if a 103-R part is an inductor or a capacitor?
    • ⤷ What does it mean if the 'R' is in the middle of the numbers
    • ⤷ like 1R03?
    • ⤷ Are there specific power ratings associated with 103-R resistors?