データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10AP-010-R

  • AI
    ## Analysis of the 10AP-010-R Electronic Part The **10AP-010-R** typically refers to a specific series of **surface-mount power inductors** (or sometimes related fuse/connector components depending on the manufacturer prefix). In the context of standard passive electronic components, it most commonly identifies a **High-Current Power Inductor** utilized in DC-DC converters and power management modules. --- ### Technical Specifications Below are the general specifications for this class of component: | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 1.0 µH (Standard for '010' code) | | **Current Rating (Irms)** | ~10 Amperes | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | Low (typically < 10 mΩ) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | Surface Mount (SMD) | --- ### Core Components and Construction The 10AP-010-R is engineered for high-efficiency energy storage. Its internal construction includes: 1. **Magnetic Core:** Usually composed of a composite iron powder or ferrite material. This provides high saturation current characteristics, preventing the inductor from losing efficiency during high-load spikes. 2. **Copper Winding:** Uses heavy-gauge flat or round copper wire to minimize DC resistance (DCR), which reduces heat generation and power loss. 3. **Shielding:** Most "R" suffix versions are magnetically shielded to reduce Electromagnetic Interference (EMI) with neighboring components on the PCB. 4. **Terminations:** Lead-free (RoHS compliant) tin-plated electrodes designed for reflow soldering. --- ### Key Applications These parts are critical in modern electronics that require stable voltage regulation: * **Voltage Regulator Modules (VRMs):** Found near CPUs and GPUs to smooth out power delivery. * **DC-DC Converters:** Used in buck, boost, and buck-boost topologies for battery-powered devices. * **Industrial Power Supplies:** Providing filtering and energy storage for 5V or 12V rails. * **Automotive Electronics:** Powering infotainment and driver assistance systems (ADAS). --- ### Identification Breakdown The part number can usually be decoded as follows: * **10AP:** Series identifier (often related to high-power density). * **010:** Inductance code (1.0 microhenries). * **R:** Packaging or RoHS compliance indicator (usually signifies Tape & Reel packaging). ---
    ✨ Follow-up Questions
    • ⤷What are the specific dimensions/footprint of the 10AP-010-R?
    • ⤷ How does the saturation current (Isat) differ from the rated current (Irms) for this part?
    • ⤷ Can this component be used in high-frequency switching power supplies above 1MHz?