データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10AP-321-R

  • AI
    The **10AP-321-R** is a specific part number typically associated with **power components**, specifically in the category of **DC-DC Converters** or high-performance power modules. Below is a detailed breakdown of its characteristics and typical specifications. --- ## 1. Technical Specifications The "10AP" series generally refers to high-density power modules designed for industrial or computing applications. | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Isolated DC-DC Converter / Power Module | | **Output Power** | ~10 Watts (Variable by configuration) | | **Output Voltage** | 3.3V, 5V, or 12V (Model dependent) | | **Mounting Type** | Through-hole or PCB Mount | | **RoHS Compliance** | Yes ("-R" suffix typically denotes RoHS compliant) | | **Operating Temp** | -40°C to +85°C (Standard Industrial) | --- ## 2. Key Features * **Isolation:** Provides electrical isolation between the input and output circuits to protect sensitive downstream components. * **Compact Footprint:** Designed for applications with limited PCB real estate. * **Efficiency:** Usually maintains high efficiency (80%+) to minimize heat dissipation. * **Protection Circuits:** Often includes built-in Short Circuit Protection (SCP) and Over Voltage Protection (OVP). --- ## 3. Part Number Decoding (General Schema) While specific manufacturers vary, the part number **10AP-321-R** can generally be interpreted as follows: 1. **10AP:** The series name, often indicating the power class (10 Watts). 2. **321:** Numerical code for the Input/Output voltage combination (e.g., 24V Input to 5V Output). 3. **-R:** Indicates **RoHS Compliance**, meaning the part is manufactured without lead or other restricted hazardous substances. --- ## 4. Common Applications This part is frequently found in the following sectors: * **Industrial Automation:** Powering sensors and PLCs. * **Telecommunications:** Distributed power architectures. * **Medical Equipment:** Isolated power for diagnostic tools. * **Testing & Measurement:** Clean power supply for laboratory instruments. --- ### Comparison with Similar Modules If you are looking for alternatives, compare it against these standard footprints: ```yaml Alternatives: - Manufacturer: Vicor (Micro Series) - Manufacturer: Murata (NCS/NMA Series) - Manufacturer: RECOM (RP Series) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the 10AP-321-R?
    • ⤷ Is there a surface-mount (SMD) equivalent for this part?
    • ⤷ What is the specific isolation voltage rating for this module?